Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7380 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
AD7389-4
Rev. 0 | Page 17 of 31
MODES OF OPERATION
The AD7389-4 has several on-chip configuration registers for
controlling the operational mode of the device.
OVERSAMPLING
Oversampling is a common method used in analog electronics
to improve the accuracy of the ADC result. Multiple samples of
the analog input are captured and averaged to reduce the noise
component from quantization noise and thermal noise (kTC
noise) of the ADC. The AD7389-4 offers an oversampling
function on-chip. The AD7389-4 has two user configurable
oversampling modes: normal averaging and rolling average.
The oversampling functionality is configured by programming
the OS_MODE bit and OSR bits in the Configuration 1
register.
Normal Averaging Oversampling
Normal averaging oversampling mode can be used in
applications where slower output data rates are allowed and
where higher SNR or dynamic range is desirable. Normal
averaging involves taking a number of samples, adding them
together and dividing the result by the number of samples
taken. This result is then output from the device. The sample
data is cleared when the process completes.
Normal averaging oversampling mode is configured by setting
the OS_MODE bit to Logic 0 and having a valid nonzero value
in the OSR bits. Writing to the OSR bits has a two-cycle latency
before the register updates. That is, after writing to the OSR
bits, two conversion cycles take place before the conversion
results clock out with the updated OSR bits. The oversampling
ratio of the digital filter is controlled using the oversampling
bits, OSR (see Table 11).
Table 11 provides the oversampling bit decoding to select the
different oversample rates. The output result is decimated to
16-bit resolution. If required, additional resolution can be
achieved by configuring the resolution boost bit (RES) in the
Configuration 1 register. See the Resolution Boost section for
further details.
The number of samples (n), defined by the OSR bits, are taken
and added together, and the result is divided by n. The initial
ADC conversion is initiated by the falling edge of CS and the
AD7389-4 controls all subsequent samples in the oversampling
sequence internally. The sampling rate of the additional n
samples at the device maximum sampling rate is 2 MSPS. The
data is ready for readback on the next serial interface access.
After the averaging technique is applied, the sample data used
in the calculation is discarded. This process is repeated every
time the application needs a new conversion result and is
initiated by the next falling edge of CS.
As the output data rate is reduced by the oversampling ratio,
the serial peripheral interface (SPI) SCLK frequency required to
transmit the data is reduced accordingly.
Table 11. Normal Averaging Oversampling Overview
OSR, Bits[2:0]
OS Ratio
SNR with 2.5 V Internal Reference (dB Typical)
Data Output Rate (kSPS Maximum)
RES = 0
RES = 1
000
No OS
90
90
2000
001
2
92.3
93.4
1500
010
4
94.1
96.5
750
011
8
95.6
99.2
375
100
16
96.4
100.5
187.5
101
32
96.7
101.7
93.75
CS
ACQ
ACQ
S1
ACQ
S2
Sn
ACQ
INTERNAL
DON'T CARE
t0 RESULT
SDOA
DON'T CARE
t0 RESULT
SDOB
CONVERT START AT
t0
CONVERT START AT
t1
S1
S2
Sn
Figure 30. Normal Averaging Oversampling Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com