Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7380 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AD7389-4
Data Sheet
Rev. 0 | Page 20 of 31
INTERNAL REFERENCE
The AD7389-uses a low noise, low drift (10 ppm/°C) 2.5 V
buffered internal reference during conversion. The internal
2.5 V reference of the AD7389-4 allows excellent performance
with typically 90.5 dB of SNR. When using the internal 2.5 V
reference for an external circuit, the internal 2.5 V reference can
be accessed via the REFOUT pin. It is recommended to add a
buffer, such as the ADA4807-2, when using the 2.5 V internal
reference as a source for a common-mode voltage (VCM).
Connecting a 1 µF capacitor to the REFOUT pin is
recommended.
SOFTWARE RESET
The AD7389-4 has two reset modes: a soft reset and a hard
reset. A reset is initiated by writing to the reset bits in the
Configuration 2 register.
A soft reset maintains the contents of the configurable registers
but refreshes the interface and the ADC blocks. Any internal
state machines are reinitialized, and the oversampling block
and FIFO are flushed. The alert indication register is cleared.
The reference and LDO regulator remain powered.
CS
tRESET
SDI
SOFTWARE RESET
Figure 33. Software Reset Operation
A hard reset, in addition to the blocks reset by a soft reset,
resets all user registers to the default status, resets the reference
buffer, and resets the internal oscillator block.
DIAGNOSTIC SELF TEST
The AD7389-4 runs a diagnostic self test after a POR or after a
software hard reset to ensure the correct configuration is
loaded into the device.
The result of the self test is displayed in the SETUP_F bit in the
alert indication register. If the SETUP_F bit is set to Logic 1, the
diagnostic self test has failed. If the test fails, perform a software
hard reset to reset the AD7389-4 registers to the default status.
CS
SHUTDOWN
NORMAL
SDI
tSTARTUP
SHUTDOWN MODE
NORMAL MODE
ACCURATE CONVERSION
Figure 34. Shutdown Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com