Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAQ23876BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADAQ23876BBCZ Datasheet HTML 1Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 2Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 3Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 4Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Data Sheet
ADAQ23876
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 37
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
Offset Error
−2.5
+0.3
+2.5
mV
Offset Error Drift
−9
±2.2
+9
ppm/°C
Common-Mode Rejection Ratio (CMRR),
Input Referred
∆VICM/∆VOSDIFF
All gains
98
dB
Power Supply Rejection Ratio (PSRR)
Positive
VDD = 4.75 V to 5.25 V
All gains
103
dB
Negative
VS+ = +5 V, VS− = −0.75 V to −1.25 V
All gains
103
dB
1/f Noise7
Bandwidth = 0.1 Hz to 10 Hz
9
µV p-p
Input Current Noise
f = 100 kHz
1
pA/√Hz
AC ACCURACY8
Single-ended and differential configuration
Dynamic Range
Input frequency (fIN) = 1 kHz, −60 dB input
86.5
91
dB
Total RMS Noise, Referenced to Input (RTI)
All gains
91.6
µVRMS
Input Voltage Noise
All gains
11.28
nV/√Hz
Signal-to-Noise Ratio (SNR)
fIN = 1 kHz, −1 dBFS
85.5
dB
Gain = 0.37 and gain = 0.73
90.7
dB
Gain = 0.87, gain = 1.38, and gain = 2.25
89.8
dB
fIN = 100 kHz
Gain = 0.37 and gain = 0.73
90
dB
Gain = 0.87, gain = 1.38, and gain = 2.25
89
dB
fIN = 1MHz
Gain = 0.73
83.1
dB
Gain = 0.87 and gain = 1.38
82
dB
Gain = 2.25
80.7
dB
Signal-to-Noise-and-Distortion (SINAD)
fIN = 1 kHz
85.4
dB
Gain = 0.37 and gain = 0.73
90
dB
Gain = 0.87, gain = 1.38, and gain = 2.25
88.8
dB
fIN = 100 kHz
Gain = 0.37 and gain = 0.73
88.5
dB
Gain = 0.87, gain = 1.38, and gain = 2.25
88
dB
fIN = 1 MHz
Gain = 0.73
72.7
dB
Gain = 0.87
70.1
dB
Gain = 1.38
68.8
dB
Gain = 2.25
66.6
dB
Total Harmonic Distortion (THD)
fIN = 1 kHz
dB
Gain = 0.37
−106.9
dB
Gain = 0.73
−121
dB
Gain = 0.87
−118
dB
Gain = 1.38 and gain = 2.25
−114.5
dB
fIN = 100 kHz
Gain = 0.37 and gain = 2.25
−109
dB
Gain = 0.73, gain = 0.87, and gain = 1.38
−112
dB
fIN = 1 MHz
Gain = 0.73
−73.3
dB
Gain = 0.87
−70.5
dB
Gain = 1.38
−69
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com