Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1822 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1822
Description  Econo 1-Wire Digital Thermometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1822 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1822 Datasheet HTML 1Page - Maxim Integrated Products DS1822 Datasheet HTML 2Page - Maxim Integrated Products DS1822 Datasheet HTML 3Page - Maxim Integrated Products DS1822 Datasheet HTML 4Page - Maxim Integrated Products DS1822 Datasheet HTML 5Page - Maxim Integrated Products DS1822 Datasheet HTML 6Page - Maxim Integrated Products DS1822 Datasheet HTML 7Page - Maxim Integrated Products DS1822 Datasheet HTML 8Page - Maxim Integrated Products DS1822 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS1822
OPERATION—MEASURING TEMPERATURE
The core functionality of the DS1822 is its direct-to-digital temperature sensor. The resolution of the
temperature sensor is user-configurable to 9, 10, 11, or 12 bits, corresponding to increments of 0.5
°C,
0.25
°C, 0.125°C, and 0.0625°C, respectively. The default resolution at power-up is 12 bit. The DS1822
powers-up in a low-power idle state; to initiate a temperature measurement and A-to-D conversion, the
master must issue a Convert T [44h] command. Following the conversion, the resulting thermal data is
stored in the 2-byte temperature register in the scratchpad memory and the DS1822 returns to its idle
state. If the DS1822 is powered by an external supply, the master can issue “read-time slots” (see the 1-
WIRE BUS SYSTEM section) after the Convert T command and the DS1822 will respond by
transmitting 0 while the temperature conversion is in progress and 1 when the conversion is done. If the
DS1822 is powered with parasite power, this notification technique cannot be used since the bus must be
pulled high by a strong pullup during the entire temperature conversion. The bus requirements for parasite
power are explained in detail in the POWERING THE DS1822 section of this data sheet.
The DS1822 output temperature data is calibrated in degrees centigrade; for Fahrenheit applications, a
lookup table or conversion routine must be used. The temperature data is stored as a 16-bit sign-extended
two’s complement number in the temperature register (see Figure 2). The sign bits (S) indicate if the
temperature is positive or negative: for positive numbers S = 0 and for negative numbers S = 1. If the
DS1822 is configured for 12-bit resolution, all bits in the temperature register will contain valid data. For
11-bit resolution, bit 0 is undefined. For 10-bit resolution, bits 1 and 0 are undefined, and for 9-bit
resolution bits 2, 1 and 0 are undefined. Table 2 gives examples of digital output data and the
corresponding temperature reading for 12-bit resolution conversions.
TEMPERATURE REGISTER FORMAT Figure 2
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
LS Byte
2
3
2
2
2
1
2
0
2
-1
2
-2
2
-3
2
-4
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
MS Byte
S
S
S
S
S
2
6
2
5
2
4
TEMPERATURE/DATA RELATIONSHIP Table 2
TEMPERATURE
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+125°C
0000 0111 1101 0000
07D0h
+85°C*
0000 0101 0101 0000
0550h
+25.0625°C
0000 0001 1001 0001
0191h
+10.125°C
0000 0000 1010 0010
00A2h
+0.5°C
0000 0000 0000 1000
0008h
0°C
0000 0000 0000 0000
0000h
-0.5°C
1111 1111 1111 1000
FFF8h
-10.125°C
1111 1111 0101 1110
FF5Eh
-25.0625°C
1111 1110 0110 1111
FE6Fh
-55°C
1111 1100 1001 0000
FC90h
*The power on reset value of the temperature register is +85°C
4 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com