Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML1001 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML1001
Description  ML1001 Series Static LCD COG Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1001 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML1001 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
P1/14
Rev. M, Aug 2012
ML1001
Application
Instrument LCD Module
Telephone LCD Module
Automotive LCD Module
Handheld Device LCD Module
Features
AGoldBumpChipwithoutexternalcomponent.
Logic & LCD power supply: 2.0V to 6.0V
Typical Current consumption: 25uA at VIN = 3V & no load
condition.
Number of segments: 40
Cascade the ML1001 to form a single piece of 80 or 120
segments LCD driver.
Simple 3pinmicrocontrollerinterfacethrough DIN, DCLK & LOAD.
Blink of the display data.
Offerbestcontrastand widest viewingangleofTNLCDtechnology.
No temperaturecompensationneededforTopr= -40
oCto80oC.
ML1001 static LCD COG (chip on glass) driver is 40 segments LCD driver with gold bump. It can be
cascaded to form a single piece of 80 or 120 segments LCD drivers. It targets at custom TN LCD COG
Module product which requires the best quality of TN LCD technology. With the use of ML1001 series
driver, it offers the best contrast, the widest viewing angle, the widest range of operating voltage and the
widest range of operating temperature when compared to the multiplex method.
Our ML1001 includes an internal 32kHz oscillator, a 40-bit shift register, a 40-bit data register, a 16-bit
segment driver, a 24-bit segment driver, two common drivers, a blink control circuit, a power-up reset
circuit and a frequency divider which offer the necessary clock signals for Blink control, segment &
common driver circuit.
Through the DIN pin, the display data is serially shifted into the 40-bit shift register at the rising edge of
DCLK signal. The display data, which is going to be displayed on the attached LCD, is then stored in the
40-bit data register at the rising edge of the LOAD signal.
Other features like blinking of the display data by the BEN and BCLK, disable the internal oscillator by
the OEN, input an external clock signal to the FIN, and enable or disable the segment and common driver
by the SEN1, SEN2, CEN1A and CEN1B, are included.
General Description
Ordering Information
ML1001 Series Static LCD COG Driver
Part Number Description
Package Form
ML1001-1U
a 40 segment static LCD driver
Gold Bump Die
ML1001-2U
a 80 segment static LCD driver
Gold Bump Die
ML1001-3U
a 120 segment static LCD driver Gold Bump Die


Similar Part No. - ML1001

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ML100-54-F-A025-SET PF-ML100-54-F-A025-SET Datasheet
1Mb / 6P
Retroreflective sensor
ML100-55-2519 PF-ML100-55-2519 Datasheet
1Mb / 5P
Retroreflective sensor
ML100-55-3704 PF-ML100-55-3704 Datasheet
1Mb / 5P
Retroreflective sensor
ML100-55-5575 PF-ML100-55-5575 Datasheet
1Mb / 4P
Retroreflective sensor
ML100-55-8032 PF-ML100-55-8032 Datasheet
982Kb / 5P
Retroreflective sensor
2023-03-28
More results

Similar Description - ML1001

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5219B OKI-MSM5219B Datasheet
130Kb / 7P
48-DIT STATIC LCD DRIVER
MSM5221 OKI-MSM5221 Datasheet
99Kb / 6P
56-DOT STATIC LCD DRIVER
MSM58292B OKI-MSM58292B Datasheet
243Kb / 11P
5-DIGIT STATIC LCD DRIVER
logo
EM Microelectronic - MA...
V6108 EMMICRO-V6108 Datasheet
1Mb / 8P
40 Segment Static LCD Driver
logo
List of Unclassifed Man...
S-00201G ETC1-S-00201G Datasheet
105Kb / 1P
LCD BACK LIGHT, COG TYPE
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002 Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
logo
Bolymin, Inc
BO320240B BOLYMIN-BO320240B Datasheet
193Kb / 1P
COG package LCD driver only
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002_11 Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
logo
Rohm
BU91R64CH-M3BW ROHM-BU91R64CH-M3BW Datasheet
3Mb / 73P
Low Duty LCD Segment Driver For Automotive COG Application
BU91R65CH-M3BW ROHM-BU91R65CH-M3BW Datasheet
3Mb / 73P
Low Duty LCD Segment Driver For Automotive COG Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com