Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54SW Datasheet(PDF) 15 Page - FutureWafer Tech Co.,Ltd

Part # BAT54SW
Description  Surface Mount Schottky Barrier Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT54SW Datasheet(HTML) 15 Page - FutureWafer Tech Co.,Ltd

Back Button BAT54SW Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 15Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 16Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 17Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 18Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 19Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
BAT54 Family
Surface Mount Schottky Barrier Diode
15
Document No.: F41806F
07-FEB-2022 V 2.2
www.futurewafer.com.tw
FQE-001-04
Dimension W
B1
D
D1
E
F
K
P
P0
P2
t
W
Value
8
mm
4.5
Max.
1.5
±0.10
0.35
min.
1.75
±0.10
3.5
±0.05
2.4
Max.
4.0
±0.10
4.0
±0.10
2.0
±0.1
0.4
Max.
8.0
±0.3
A0 /
B0 /
K0
Determined by Component Size. The Clearance Between The Component And The Cavity Must
Comply to The Rotational and Lateral Movement Requirement Provided in Figures in The “Maximum
Component Movement in Tape Pocket” Section.
Unit: mm
6-3. Taping and Reel Specification-SOT363
6-4. Embossed Carrier Tape Specification-SOT363
Taping Width
Tape Orientation
8mm
Direction Of Feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com