Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54SW Datasheet(PDF) 20 Page - FutureWafer Tech Co.,Ltd

Part # BAT54SW
Description  Surface Mount Schottky Barrier Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT54SW Datasheet(HTML) 20 Page - FutureWafer Tech Co.,Ltd

Back Button BAT54SW Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 15Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 16Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 17Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 18Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 19Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 20Page - FutureWafer Tech Co.,Ltd BAT54SW Datasheet HTML 21Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
BAT54 Family
Surface Mount Schottky Barrier Diode
20
Document No.: F41806F
07-FEB-2022 V 2.2
www.futurewafer.com.tw
FQE-001-04
Part
Number
Schematic
Marking
Code
Component
Package
Quantity
Packaging Option
BAT54
L4
SOT-23
3,000 PCS
Tape & Reel -
8mm Tape & 7” Reel
BAT54W
SOT-323
BAT54A
L42
SOT-23
BAT54AW
SOT-323
BAT54C
L43
SOT-23
BAT54CW
SOT-323
BAT54S
L44
SOT-23
BAT54SW
SOT-323
BAT54T
MB / L9
SOD123
BAT54H
BS3 / S1
SOD323
BAT54WS
S1
SOD323-FL
BAT54K
BS3
SOD523-FL
8,000 PCS
BAT54L
BS3
DFN1006-2L
10,000 PCS
BAT54BRW
KLB
SOT-363
3,000 PCS
7. Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com