Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7252 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB7252
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB7252 Datasheet HTML 28Page - Microchip Technology USB7252 Datasheet HTML 29Page - Microchip Technology USB7252 Datasheet HTML 30Page - Microchip Technology USB7252 Datasheet HTML 31Page - Microchip Technology USB7252 Datasheet HTML 32Page - Microchip Technology USB7252 Datasheet HTML 33Page - Microchip Technology USB7252 Datasheet HTML 34Page - Microchip Technology USB7252 Datasheet HTML 35Page - Microchip Technology USB7252 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
USB7252
DS00002736D-page 32
2018 - 2020 Microchip Technology Inc.
5.1
Boot Sequence
5.1.1
STANDBY MODE
If the
RESET_N pin is asserted, the hub will be in Standby Mode. This mode provides a very low power state for maxi-
mum power efficiency when no signaling is required. This is the lowest power state. In Standby Mode all downstream
ports are disabled, the USB data pins are held in a high-impedance state, all transactions immediately terminate (no
states saved), all internal registers return to their default state, the PLL is halted, and core logic is powered down in order
to minimize power consumption. Because core logic is powered off, no configuration settings are retained in this mode
and must be re-initialized after
RESET_N is negated high.
5.1.2
SPI INITIALIZATION STAGE (SPI_INIT)
The first stage, the initialization stage, occurs on the deassertion of
RESET_N. In this stage, the internal logic is reset,
the PLL locks if a valid clock is supplied, and the configuration registers are initialized to their default state. The internal
firmware then checks for an external SPI ROM. The firmware looks for an external SPI flash device that contains a valid
signature of “2DFU” (device firmware upgrade) beginning at address 0x3FFFA. If a valid signature is found, then the
external SPI ROM is enabled and the code execution begins at address 0x0000 in the external SPI device. If a valid
signature is not found, then execution continues from internal ROM (CFG_ROM stage).
The required SPI ROM must be a minimum of 1 Mbit, and 60 MHz or faster. Both 1, 2, and 4-bit SPI operation is sup-
ported. For optimum throughput, a 2-bit SPI ROM is recommended. Both mode 0 and mode 3 SPI ROMs are also sup-
ported.
If the system is not strapped for SPI Mode, code execution will continue from internal ROM (CFG_ROM stage).
5.1.3
CONFIGURATION FROM INTERNAL ROM STAGE (CFG_ROM)
In this stage, the internal firmware loads the default values from the internal ROM. Most of the hub configuration regis-
ters, USB descriptors, electrical settings, etc. will be initialized in this state.
5.1.4
CONFIGURATION STRAP READ STAGE (CFG_STRAP)
In this stage, the firmware reads the following configuration straps to override the default values:
• CFG_STRAP[3:1]
PRT_DIS_P[4:1]
PRT_DIS_M[4:1]
CFG_NON_REM
CFG_BC_EN
If the
CFG_STRAP[3:1] pins are set to Configuration 1, the device will move to the SMBUS_CHECK stage, otherwise
it will move to the CFG_OTP stage. Refer to Section 3.3, Configuration Straps and Programmable Functions for infor-
mation on usage of the various device configuration straps.
5.1.5
SMBUS CHECK STAGE (SMBUS_CHECK)
Based on the
PF[31:2] configuration selected (refer to Section 3.3.4, PF[31:2] Configuration (CFG_STRAP[2:1])), the
firmware will check for the presence of external pull up resistors on the SMBus slave programmable function pins. If 10K
pull-ups are detected on both pins, the device will be configured as an SMBus slave, and the next state will be CFG_SM-
BUS. If a pull-up is not detected in either of the pins, the next state is CFG_OTP.
5.1.6
SMBUS CONFIGURATION STAGE (CFG_SMBUS)
In this stage, the external SMBus master can modify any of the default configuration settings specified in the integrated
ROM, such as USB device descriptors, port electrical settings, and control features such as downstream battery
charging.
There is no time limit on this mode. In this stage the firmware will wait indefinitely for the SMBus/I2C configuration. The
external SMBus master writes to register 0xFF to end the configuration in legacy mode. In non-legacy mode, the SMBus
command USB_ATTACH (opcode 0xAA55) or USB_ATTACH_WITH_SMBUS (opcode 0xAA56) will finish the configu-
ration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com