Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7252 Datasheet(PDF) 41 Page - Microchip Technology

Part # USB7252
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252 Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB7252 Datasheet HTML 37Page - Microchip Technology USB7252 Datasheet HTML 38Page - Microchip Technology USB7252 Datasheet HTML 39Page - Microchip Technology USB7252 Datasheet HTML 40Page - Microchip Technology USB7252 Datasheet HTML 41Page - Microchip Technology USB7252 Datasheet HTML 42Page - Microchip Technology USB7252 Datasheet HTML 43Page - Microchip Technology USB7252 Datasheet HTML 44Page - Microchip Technology USB7252 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
2018 - 2020 Microchip Technology Inc.
DS00002736D-page 41
USB7252
If the voltage on the VCONN line is sensed as <3.0V by the CC comparator of the either CC1 or CC2 (whichever pin is
operating as VCONN at the time) then an over-current event is detected and the VCONN supply is shut off. VCONN is
only sourced on either the CC1 or the CC2 pin, never both. The pin which is to become the VCONN supply is determined
only when a device is attached to the Type-C port. The VCONN supply is controlled from the hub DP1_VCONN1/
DP1_VCONN2/DP2_VCONN2/DP2_VCONN2.
The device also implements a comparator for determining when a VBUS is within a programmed range, vSafe5V or
vSafe0V. VBUS is divided down externally to provide a nominal 2.68V at the
VBUS_MON pin. For a DFP, the VBUS
comparator is useful to detect when VBUS is within the required range. For a UFP, the VBUS comparator is utilized to
determine when a DFP is attached or detached. It may also use the comparator to determine when VBUS is within a
new voltage range.
8.4
PortSplit
The PortSplit feature allows the USB 2.0 and USB 3.2 PHYs associated with a downstream port to be operationally sep-
arated. The intention of this feature is to allow a system designer to connect an embedded USB 3.x device to the USB
3.2 PHY, while allowing the USB 2.0 PHY to be used as either a standard USB 2.0 port or with a separate embedded
USB 2.0 device. PortSplit can be configured via OTP/SMBus. By default, all ports are configured to non-split mode.
When PortSplit is disabled on a specific port, the corresponding
PRT_CTLx pin controls both the USB 2.0 and USB 3.2
portions of the port (port power and overcurrent condition). When PortSplit is enabled on a specific port, the corre-
sponding
PRT_CTLx pin controls the USB 2.0 portion of the port, and the corresponding PRT_CTLx_U3 pin controls
the USB 3.2 portion of the port.
8.5
FlexConnect
The device allows the upstream port to be swapped with any downstream port, enabling any USB port to assume the
role of USB host at any time during hub operation. This host role exchange feature is called FlexConnect. Additionally,
the USB 2.0 ports can be flexed independently of the USB 3.2 ports.
This functionality can be used in two primary ways:
1.
Host Swapping: This functionality can be achieved through a hub wherein a host and device can agree to swap
the host/device relationship; The host becomes a device, and the device becomes a host.
2.
Host Sharing: A USB ecosystem can be shared between multiple hosts. Note that only 1 host may access to
the USB tree at a time.
FlexConnect can be enabled through any of the following three methods:
I2C Control: The embedded I2C slave can be used to control the state of the FlexConnect feature through basic
write/read operations.
USB Command: FlexConnect can be initiated via a special USB command directed to the hub’s internal Hub
Feature Controller device.
Direct Pin Control: Any available GPIO pin on the hub can be assigned the role of a FlexConnect control pin.
For detailed information on utilizing the FlexConnect feature, refer to the application note “USB720x/USB725x FlexCon-
nect Operation”, which can be found on the Microchip USB7252 product page at www.microchip.com/USB7252.
Note:
The native USB Type-C functionality (including CC pin orientation and detection features) is managed
autonomously by the USB7252.
Note:
Direct Pin Control is only available in CFG_STRAP Mode 4 - GPIO/FlexConnect. Refer to Section 3.3.4,
PF[31:2] Configuration (CFG_STRAP[2:1]) for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com