Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBC40L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFBC40L
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFBC40L Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFBC40L Datasheet HTML 1Page - Vishay Siliconix IRFBC40L Datasheet HTML 2Page - Vishay Siliconix IRFBC40L Datasheet HTML 3Page - Vishay Siliconix IRFBC40L Datasheet HTML 4Page - Vishay Siliconix IRFBC40L Datasheet HTML 5Page - Vishay Siliconix IRFBC40L Datasheet HTML 6Page - Vishay Siliconix IRFBC40L Datasheet HTML 7Page - Vishay Siliconix IRFBC40L Datasheet HTML 8Page - Vishay Siliconix IRFBC40L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 91116
www.vishay.com
S11-1053-Rev. C, 30-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRFBC40S, SiHFBC40S, IRFBC40L, SiHFBC40L
Vishay Siliconix
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Surface Mount (IRFBC40S, SiHFBC40S)
• Low-Profile Through-Hole (IRFBC40L, SiHFBC40L)
• Available in Tape and Reel (IRFBC40S, SiHFBC40S)
• Dynamic dV/dt Rating
• 150 °C Operating Temperature
•Fast Switching
• Fully Avalanche Rated
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The D2PAK is a surface mount power package capable of
the accommodating die sizes up to HEX-4. It provides the
highest
power
capability
and
the
lowest
possible
on-resistance in any existing surface mount package. The
D2PAK is suitable for high current applications because of
its low internal connection resistance and can dissipate up
to 2.0 W in a typical surface mount application. The
through-hole version (IRFBC40L, SiHFBC40L) is available
for low-profile applications.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V; starting TJ = 25 °C, L = 27 mH, Rg = 25 , IAS = 6.2 A (see fig. 12).
c. ISD  6.2 A, dI/dt  80 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
e. Uses IRFBC40, SiHFBC40 data and test conditions.
PRODUCT SUMMARY
VDS (V)
600
RDS(on) ()VGS = 10 V
1.2
Qg (Max.) (nC)
60
Qgs (nC)
8.3
Qgd (nC)
30
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
G
D
S
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free and Halogen-free
SiHFBC40S-GE3
SiHFBC40STRL-GE3a
SiHFBC40L-GE3
Lead (Pb)-free
IRFBC40SPbF
IRFBC40STRLPbFa
IRFBC40LPbF
SiHFBC40S-E3
SiHFBC40STL-E3a
SiHFBC40L-E3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltagee
VDS
600
V
Gate-Source Voltagee
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
6.2
A
TC = 100 °C
3.9
Pulsed Drain Currenta,e
IDM
25
Linear Derating Factor
1.0
W/°C
Single Pulse Avalanche Energyb, e
EAS
570
mJ
Repetitive Avalanche Currenta
IAR
6.2
A
Repetitive Avalanche Energya
EAR
13
mJ
Maximum Power Dissipation
TC = 25 °C
PD
130
W
TA = 25 °C
3.1
Peak Diode Recovery dV/dtc, e
dV/dt
3.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFBC40L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC40L IRF-IRFBC40L Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
logo
Vishay Siliconix
IRFBC40L VISHAY-IRFBC40L Datasheet
984Kb / 8P
Power MOSFET
23-Jun-08
logo
Inchange Semiconductor ...
IRFBC40L ISC-IRFBC40L Datasheet
366Kb / 2P
iscN-Channel MOSFET Transistor
logo
International Rectifier
IRFBC40LC IRF-IRFBC40LC Datasheet
176Kb / 8P
HEXFET-R POWER MOSFET
logo
Vishay Siliconix
IRFBC40LC VISHAY-IRFBC40LC Datasheet
148Kb / 8P
Power MOSFET
28-Jul-08
More results

Similar Description - IRFBC40L

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com