Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP360LC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFP360LC
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP360LC Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFP360LC Datasheet HTML 1Page - Vishay Siliconix IRFP360LC Datasheet HTML 2Page - Vishay Siliconix IRFP360LC Datasheet HTML 3Page - Vishay Siliconix IRFP360LC Datasheet HTML 4Page - Vishay Siliconix IRFP360LC Datasheet HTML 5Page - Vishay Siliconix IRFP360LC Datasheet HTML 6Page - Vishay Siliconix IRFP360LC Datasheet HTML 7Page - Vishay Siliconix IRFP360LC Datasheet HTML 8Page - Vishay Siliconix IRFP360LC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 91227
www.vishay.com
S11-0444-Rev. B, 14-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRFP360LC, SiHFP360LC
Vishay Siliconix
FEATURES
• Ultra Low Gate Charge
• Reduced Gate Drive Requirement
• Enhanced 30 V VGS Rating
• Reduced Ciss, Coss, Crss
• Isolated Central Mounting Hole
• Dynamic dV/dt Rated
• Repetitive Avalanche Rated
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
This new series of low charge Power MOSFETs achieve
significantly lower gate charge over convertional MOSFETs.
Utilizing
advanced
MOSFETs
technology
the
device
improvements allow for reduced gate drive requirements,
faster switching speeds and increased total system savings.
These device improvements combined with the proven
ruggedness and reliability of MOSFETs offer the designer a
new standard in power transistors for switching applications.
The TO-247AC package is preferred for commercial-industrial
applications where higher power levels preclude the use of
TO-220AB devices. The TO-247AC is similar but superior to
the earlier TO-218 package because of its isolated mounting
hole.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 4.0 mH, Rg = 25
Ω, IAS = 23 A (see fig. 12).
c. ISD
≤ 23 A, dI/dt ≤ 170 A/μs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
400
RDS(on) (
Ω)VGS = 10 V
0.20
Qg (Max.) (nC)
110
Qgs (nC)
28
Qgd (nC)
45
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247AC
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-247AC
Lead (Pb)-free
IRFP360LCPbF
SiHFP360LC-E3
SnPb
IRFP360LC
SiHFP360LC
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
400
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
23
A
TC = 100 °C
14
Pulsed Drain Currenta
IDM
91
Linear Derating Factor
2.2
W/°C
Single Pulse Avalanche Energyb
EAS
1200
mJ
Repetitive Avalanche Currenta
IAR
23
A
Repetitive Avalanche Energya
EAR
28
mJ
Maximum Power Dissipation
TC = 25 °C
PD
280
W
Peak Diode Recovery dV/dtc
dV/dt
4.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFP360LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
logo
Vishay Siliconix
IRFP360LC VISHAY-IRFP360LC Datasheet
260Kb / 8P
Power MOSFET
24-Jun-08
IRFP360LC VISHAY-IRFP360LC Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
logo
Inchange Semiconductor ...
IRFP360LC ISC-IRFP360LC Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP360LC VISHAY-IRFP360LC Datasheet
311Kb / 10P
Power MOSFET
24-Jan-2022
More results

Similar Description - IRFP360LC

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com