Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP460PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFP460PBF
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP460PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFP460PBF Datasheet HTML 1Page - Vishay Siliconix IRFP460PBF Datasheet HTML 2Page - Vishay Siliconix IRFP460PBF Datasheet HTML 3Page - Vishay Siliconix IRFP460PBF Datasheet HTML 4Page - Vishay Siliconix IRFP460PBF Datasheet HTML 5Page - Vishay Siliconix IRFP460PBF Datasheet HTML 6Page - Vishay Siliconix IRFP460PBF Datasheet HTML 7Page - Vishay Siliconix IRFP460PBF Datasheet HTML 8Page - Vishay Siliconix IRFP460PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRFP460
www.vishay.com
Vishay Siliconix
S22-0058-Rev. B, 31-Jan-2022
1
Document Number: 91237
For technical questions, contact: hvmos.techsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Dynamic dV/dt rating
• Repetitive avalanche rated
• Isolated central mounting hole
• Fast switching
• Ease of paralleling
• Simple drive requirements
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The TO-247 package is preferred for commercial-industrial
applications where higher power levels preclude the use of
TO-220 devices. The TO-247 is similar but superior to the
earlier TO-218 package because its isolated mounting hole.
It also provides greater creepage distances between pins to
meet the requirements of most safety specifications.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. VDD = 50 V, starting TJ = 25 °C, L = 4.3 mH, RG = 25
Ω, IAS = 20 A (see fig. 12)
c. ISD
≤ 20 A, dI/dt ≤ 160 A/μs, VDD ≤ VDS, TJ ≤ 150 °C
d. 1.6 mm from case
PRODUCT SUMMARY
VDS (V)
500
RDS(on) (
Ω)VGS = 10 V
0.27
Qg (max.) (nC)
210
Qgs (nC)
29
Qgd (nC)
110
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247
G
D
S
Available
ORDERING INFORMATION
Package
TO-247
Lead (Pb)-free
IRFP460PbF
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
500
V
Gate-source voltage
VGS
± 20
Continuous drain current
VGS at 10 V
TC = 25 °C
ID
20
A
TC = 100 °C
13
Pulsed drain currenta
IDM
80
Linear derating factor
2.2
W/°C
Single pulse avalanche energy b
EAS
960
mJ
Repetitive avalanche current a
IAR
20
A
Repetitive avalanche energy a
EAR
28
mJ
Maximum power dissipation
TC = 25 °C
PD
280
W
Peak diode recovery dV/dt c
dV/dt
3.5
V/ns
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature)
for 10 s
300 d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m


Similar Part No. - IRFP460PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP460PBF IRF-IRFP460PBF Datasheet
881Kb / 7P
Dynamic dv/dt Rating, Repetitive Avalanche Rated, Isolated Central Mounting Hole, Fast Switching, Ease of Paralleling, Simple Drive Requirements, Lead
logo
Vishay Siliconix
IRFP460PBF VISHAY-IRFP460PBF Datasheet
135Kb / 8P
Power MOSFET
28-Jul-08
logo
Thinki Semiconductor Co...
IRFP460PBF THINKISEMI-IRFP460PBF Datasheet
1Mb / 6P
20A,500V Heatsink N-Channel Type Power MOSFET
logo
VBsemi Electronics Co.,...
IRFP460PBF VBSEMI-IRFP460PBF Datasheet
1Mb / 9P
N-Channel 500V (D-S) Super Junction Power MOSFET
More results

Similar Description - IRFP460PBF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com