Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C20800 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C20800
Description  1:8 Clock Driver for Intel PCI Express Chipsets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20800 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C20800 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C20800 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20800 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20800 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20800 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20800 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20800 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20800 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20800 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8746C
02/01/06
PI6C20800
1:8 Clock Driver for Intel
PCI Express Chipsets
Pin Descriptions
Pin Name
Type
Pin #
Descriptions
SRC_DIV#
Input
1
3.3V LVTTL input for selecting input frequency divide by 2,
active LOW.
SRC & SRC#
Input
4, 5
0.7V Differential SRC input from PI6C410 clock synthesizer
OE [0:7]
Input
6, 7, 14, 15, 35, 36,
43, 44
3.3V LVTTL input for enabling outputs, active HIGH.
OE_INV
Input
40
3.3V LVTTL input for inverting the OE, SRC_STOP# and
PWRDWN# pins.
When 0 = same stage
When 1 = OE[0:7], SRC_STOP#, PWRDWN# inverted.
OUT[0:7] & OUT[0:7]#
Output
8, 9, 12, 13, 16 17,
20, 21, 29, 30, 33, 34,
37, 38, 41, 42
0.7V Differential outputs
PLL/BYPASS#
Input
22
3.3V LVTTL input for selecting fan-out of PLL operation.
SCLK
Input
23
SMBus compatible SCLOCK input
SDA
I/O
24
SMBus compatible SDATA
IREF
Input
46
External resistor connection to set the differential output current
SRC_STOP#
Input
27
3.3V LVTTL input for SRC stop, active LOW
PLL_BW#
Input
28
3.3V LVTTL input for selecting the PLL bandwidth
PWRDWN#
Input
26
3.3V LVTTL input for Power Down operation, active LOW
LOCK
Output
45
3.3V LVTTL output, transition high when PLL lock is achieved
(Latched output)
VDD
Power
2, 11, 19, 31, 39
3.3V Power Supply for Outputs
VSS
Ground
3, 10, 18, 25, 32
Ground for Outputs
VSS_A
Ground
47
Ground for PLL
VDD_A
Power
48
3.3V Power Supply for PLL
Serial Data Interface (SMBus)
PI6C20800 is a slave only SMBus device that supports indexed block read and indexed block write protocol using a single 7-bit
address and read/write bit as shown below.
Address assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
1
1
0
0/1
Data Protocol(1)
1 bit
7 bits
1
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start
bit
Slave
Addr
R/W
Ack
Register
offset
Ack
Byte
Count
= N
Ack
Data
Byte 0
Ack
Data
Byte N
- 1
Ack
Stop
bit
Note:
1.
Register offset for indicating the starting register for indexed block write and indexed block read. Byte Count in write mode cannot be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com