| Electronic Components Datasheet Search |
|
MDEV-GPS-F4 Datasheet(PDF) 18 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
MDEV-GPS-F4 Datasheet(HTML) 18 Page - Linx Technologies |
|
18 / 25 page ![]() – – – – 30 31 211 – SetIO Figure 36 contains the values for the following example to get GPIOA as an input: $PLSC,211,A,0,0*7F The receiver outputs a response to this command. Figure 37 contains the response for the above command. For some further examples of this command: Set GPIOA as an input Input command: $PLSC,211,A,0,0*7F Output response: $PLSR,211,1*1E Set GPIOA as an output, initial state low Input command: $PLSC,211,A,1,0*7F Output response: $PLSR,211,1*1E SetIO Example Name Example Units Description MID $PLSC,211 Message ID GPIO Number A Number of the GPIO line to set. Only one line can be set at a time. Direction 0 Direction: 0 = Input; 1 = Output State 0 Set to 1 if the direction is an output; the value does not matter if the direction is an input. Checksum *7F <CR> <LF> End of message termination Figure 36: SetIO Example SetIO Response Example Name Example Units Description MID $PLSR,211 Message ID Valid 1 0: command invalid, 1: command valid Checksum *7F <CR> <LF> End of message termination Figure 37: SetIO Response Example NOTE 1. If the message ID is not recognized, the response will be “$PLSR,999,0,ERROR*60” 2. If the value is not allowed, the response will be “$PLSR,MID,0,ERROR*CS” 3. All GPIOs default to inputs on power-up and reset 212 – ReadInput Figure 38 contains the values for the following example to read the state of an input: $PLSC,212,A*7C The receiver outputs a response to this command. Figure 39 contains the response for the above command. For some further examples of this command: Read that GPIOA is low Input command: $PLSC,212,A*7C Output response: $PLSR,212,A,0*71 Read that GPIOA is high Input command: $PLSC,212,A*7C Output response: $PLSR,212,A,1*70 Read that GPIOA is not an input Input command: $PLSC,212,A*7C Output response: $PLSR,212,A,2*73 ReadInput Example Name Example Units Description MID $PLSC,212 Message ID GPIO Number A Number of the GPIO line to set. Only one line can be set at a time. Checksum *7C <CR> <LF> End of message termination Figure 38: ReadInput Example ReadInput Response Example Name Example Units Description MID $PLSR,212 Message ID GPIO Number A Number of the GPIO line to set. Only one line can be set at a time. State 0 0 = Low; 1 = High; 2 = the referenced GPIO is not an input Checksum *71 <CR> <LF> End of message termination Figure 39: ReadInput Response Example |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |