Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3613 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC3613
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 35Page - Analog Devices LTC3613 Datasheet HTML 36Page - Analog Devices LTC3613 Datasheet HTML 37Page - Analog Devices LTC3613 Datasheet HTML 38Page - Analog Devices LTC3613 Datasheet HTML 39Page - Analog Devices LTC3613 Datasheet HTML 40Page - Analog Devices LTC3613 Datasheet HTML 41Page - Analog Devices LTC3613 Datasheet HTML 42Page - Analog Devices LTC3613 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
LTC7131-1
39
Rev. 0
For more information www.analog.com
All of the following telemetry registers are initialized to
0x8000 when cycling power, cycling RUN_MSTR pin
or sending a MFR_RESET command. The register will
remain at this value until its first conversion is complete—
typically within 50ms of the initialization event.
READ_VIN
The READ_VIN command returns the measured input
voltage, in volts, at the VIN pin.
This read-only command has two data bytes and is for-
matted as a 16-bit 2’s complement value scaled 4mV/bit.
READ_VOUT
The READ_VOUT command returns the measured output
voltage,involtsasspecifiedbytheVOUT_MODE command.
The output voltage is sensed at the VSENSE+ and
VSENSE– pins.
This read-only command has two data bytes and is for-
matted as a 16-bit 2’s complement value scaled 0.5mV/bit.
READ_IIN
The READ_IIN command returns the input current in
Amperes. The input current is derived from READ_IOUT
current and the measured duty cycle with an offset term
added to account for quiescent current and driver current.
For accurate values at light load currents the part must be
in continuous conduction mode.
This register is reset to 0x8000 is standby mode when
the drivers are off.
This read-only command has two data bytes and is for-
matted as a 16-bit 2’s complement value scaled 10mA/bit.
PMBus COMMAND DETAILS
Table 11. Status Word Bit Descriptions and Conditions
BIT
DESCRIPTION
CONDITION
SET ALERT?
CLEARABLE BY
WRITING ‘1’ TO BIT?
0 (LSB)
None of the Above
If b[15] set due to VOUT undervoltage
Yes
No
1
Communication Failure
(See Note 1)
Yes
Yes
2
Temperature Fault
Temp > 150°C
Yes
Yes
3
VIN Undervoltage Fault
Not Implemented
4
Output Overcurrent Fault
Not Implemented
5
Output Overvoltage Fault
VOUT > PGOOD High Threshold
Yes
Yes
6
OFF
No Power to the Output (Note 2)
No
No
7
Busy
Not Implemented
8
Unknown
Not Implemented
9
Other
Not Implemented
10
Fans
Not Implemented
11
PGOOD
Inverted state of PGOOD pin
No
No
12
Manufacturer Specific
Not Implemented
13
Input Voltage/ Current/Power Fault
Not Implemented
Yes
Yes
14
Output Current/Power Fault
Not Implemented
15 (MSB)
Output Voltage Fault
VOUT outside PGOOD window
(Note 3)
Yes
Yes
Note 1: Communication failure is one of following faults: host sends too
few bits, host reads too few bits, host writes too few bytes, host reads too
many bytes, improper R/W bit set, unsupported command code, attempt
to write to a read-only command. See PMBus Specification v1.2, Part II,
Sections 10.8 and 10.9 for more information.
Note 2: Power may be off due to any one of the following conditions:
RUN_STBY low, OPERATION ON cleared, VIN undervoltage or
overtemperature warning. When the power is off due to RUN_MSTR
low or due to a more serious fault conditions such as VIN low or
overtemperature fault, the PMBus interface is turned off instead of
asserting the OFF bit.
Note 3: This bit is disabled when drivers are off for any reason, soft-start
not complete, or the VOUT has not reached the PGOOD window for the
first time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com