Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3613 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3613
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 9Page - Analog Devices LTC3613 Datasheet HTML 10Page - Analog Devices LTC3613 Datasheet HTML 11Page - Analog Devices LTC3613 Datasheet HTML 12Page - Analog Devices LTC3613 Datasheet HTML 13Page - Analog Devices LTC3613 Datasheet HTML 14Page - Analog Devices LTC3613 Datasheet HTML 15Page - Analog Devices LTC3613 Datasheet HTML 16Page - Analog Devices LTC3613 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LTC7131-1
13
Rev. 0
For more information www.analog.com
OPERATION
Table 1. LTC7131-1 Supported PMBus Commands
PMBUS
COMMAND
CODE
COMMAND NAME
PMBUS-DEFINED SMBUS
TRANSACTION TYPE
SCALING
DATA
BYTES DESCRIPTION
0x01
OPERATION
R/W Byte
1
On/Off Command and Set Output to MFR_VOUT_
MARGIN_HIGH or MFR_VOUT_MARGIN_LOW value
0x20
VOUT_MODE
Read Byte
1 or 2
Read Data Format for MFR_VOUT_COMMAND
Hard-wired to VID format (0x3E), not writable
0x79
STATUS_WORD
R/W Word
2
Read Fault Status: Communication fault, PGOOD, VIN UV,
VOUT OV, overtemperature, VIN fault, VOUT fault
Individual faults are reset by writing a '1' to the bit
position of the fault to be reset
0x88
READ_VIN
R Word
4mV/Bit
2
Read VIN
0x89
READ_IIN
R Word
10mA/Bit
2
Read IIN
0x8B
READ_VOUT
R Word
0.5mV/Bit
2
Read VOUT
0x8C
READ_IOUT
R Word
10mA/Bit
2
Read IOUT
0x8D
READ_TEMPERATURE_1
R Word
1°C/Bit
2
Read Die Temperature (°C)
0x98
PMBUS_REVISION
Read Byte
1 or 2
Read PMBus Revision = 0x22 for Rev 1.2
0xD7
MFR_IOUT_PEAK
R/W Word
10mA/Bit
2
Read highest output current observed since last restart
Write will restart peak monitor routine
0xDD
MFR_VOUT_PEAK
R/W Word
0.5mV/Bit
2
Read highest output voltage observed since last restart
Write will restart peak monitor routine
0xDE
MFR_VIN_PEAK
R/W Word
4mV/Bit
2
Read highest input voltage observed since last restart
Write will restart peak monitor routine
0xDF
MFR_TEMPERATURE1_
PEAK
R/W Word
1°C/Bit
2
Read highest temperature observed since last restart
Write will restart peak monitor routine
0xE1
MFR_IIN_PEAK
R/W Word
10mA/Bit
2
Read highest input current observed since last restart
Write will restart peak monitor routine
0xE3
MFR_CLEAR_PEAKS
W Byte
0, 1 or 2 Clear all peak values, write data is ignored
0xE5
MFR_VOUT_MARGIN_HIGH
R/W Word
0.1%/Bit
2
Same format as MFR_VOUT_COMMAND
0xE7
MFR_SPECIAL_ID
R Word
2
Read 16-bit value (0x40E0) that GUI will recognize as
LTC7131-1
0xE8
MFR_VOUT_COMMAND
R/W Word
0.1%/Bit
2
VOUT Margining Command ±25% range at 0.1%/bit in
2's compliment. Defaults to 0% at power-up
0xED
MFR_VOUT_MARGIN_LOW
R/W Word
0.1%/Bit
2
Same format as MFR_VOUT_COMMAND
0xFA
MFR_RAIL_ADDRESS
R/W Byte
1 or 2
Set Common PMBus Address (B6-B0), Clear B7 to
enable. Set B7 to disable. Valid addresses are 0x00 to
0x7F.
0xFD
MFR_RESET
W Byte
0, 1 or 2 Reset PMBus Interface and ADC to Power-On State
Write data is ignored
0xE9
MFR_FAULT_RESPONSE
R/W Byte
1 or 2
Set response to overvoltage and overcurrent faults:
(ignore and retry).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com