Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-14475 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14475
Description  SparkFun Noisy Cricket Stereo Amplifier - 1.5W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14475 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14475 Datasheet HTML 1Page - SparkFun Electronics DEV-14475 Datasheet HTML 2Page - SparkFun Electronics DEV-14475 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
SparkFun Noisy Cricket Stereo Amplifier - 1.5W
DEV- 14475
 
You won’t need a series four de-atomizer with our rendition of the Noisy Cricket, just wire it up and
crank up your tunes! The Noisy Cricket Stereo Amplifier, uses the LM4853 Boomer® IC which can
be configured to output up to 1.5W of power in mono operation (4Ω load) or 300mW per channel in
stereo operation (8Ω load). The amplifier comes with a dual-ganged pot with a built-in switch to
control power and adjust both left and right channel gain.
The SparkFun Noisy Cricket has been designed as an easy to use board with three connection
sections, Power, Input, and Output. The power section features three connections, VCC, VCC OUT,
and GND all only requiring a voltage range of 2.4-5.5VDC but with only one connection. Meanwhile,
the Input and Output sections both have connections for GND, LEFT IN/OUT, and RIGHT IN/OUT
for your audio inputs and outputs. It is important to point out that the Output section of the board
does feature an extra pin labeled “MONO,” to use this pin (since the Noisy Cricket operates in
Stereo out of the box) and get the full output power from the amplifier you’ll need to configure the
Noisy Cricket as a mono amplifier, that way the left and right input channels will be combined to
drive a single speaker. To enable mono operation all you will need to do is solder two jumper pads
on the back of the board labeled ENABLE MONO OUTPUT and MONO BASS BOOST.


Similar Part No. - DEV-14475

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14477 SPARKFUN-DEV-14477 Datasheet
160Kb / 2P
SparkFun Qwiic Shield for Photon
12-4-17
More results

Similar Description - DEV-14475

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM388 NSC-LM388 Datasheet
176Kb / 8P
LM388 1.5W Audio Power Amplifier
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
Stereo 1.5W Audio Power Amplifier with DC Volume Control
logo
List of Unclassifed Man...
UPG2118K ETC-UPG2118K Datasheet
367Kb / 4P
NECs 1.5W GaAs MMIC POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
logo
NTE Electronics
NTE1180 NTE-NTE1180 Datasheet
79Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.5W
logo
List of Unclassifed Man...
BA547 ETC2-BA547 Datasheet
57Kb / 1P
9V/1.5W Power Amplifier
ISD8101 ETC2-ISD8101 Datasheet
361Kb / 21P
1.5W Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8101 NUVOTON-ISD8101 Datasheet
361Kb / 21P
1.5W Audio Amplifier with Chip Enable
logo
Shenzhenshi YONGFUKANG ...
AX4853 YONGFUKANG-AX4853 Datasheet
820Kb / 14P
AX4853 Single Channel 1.5W/Stereo Headset 300mW Audio Amplifier
logo
Maxim Integrated Produc...
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com