Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-14475 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-14475
Description  SparkFun Noisy Cricket Stereo Amplifier - 1.5W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14475 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-14475 Datasheet HTML 1Page - SparkFun Electronics DEV-14475 Datasheet HTML 2Page - SparkFun Electronics DEV-14475 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
With the SparkFun Noisy Cricket Amplifier, you will be provided with a board that fits into the palm of
your hand that requires minimal setup that allows you to utilize both stereophonic and monaural
sound!
GET ST ARTE D WITH TH E NOISY CRICKET ST EREO AMPLIFIER GUIDE
 
FEATURES 
Class AB Amplifier
2.4-5.5VDC Supply
Mono - 1.5W into 4 Ohms
Stereo - 300mW into 8 Ohms
Dual Ganged Pot with built in switch to change left and right volume simultaneously, and
control power
PTH pads provided to change gain resistors if desired
Solder jumper to switch betwen mono and stereo operating modes
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com