Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDEV-418-RM Datasheet(PDF) 10 Page - Linx Technologies

Part # MDEV-418-RM
Description  R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-418-RM Datasheet(HTML) 10 Page - Linx Technologies

Back Button MDEV-418-RM Datasheet HTML 4Page - Linx Technologies MDEV-418-RM Datasheet HTML 5Page - Linx Technologies MDEV-418-RM Datasheet HTML 6Page - Linx Technologies MDEV-418-RM Datasheet HTML 7Page - Linx Technologies MDEV-418-RM Datasheet HTML 8Page - Linx Technologies MDEV-418-RM Datasheet HTML 9Page - Linx Technologies MDEV-418-RM Datasheet HTML 10Page - Linx Technologies MDEV-418-RM Datasheet HTML 11Page - Linx Technologies MDEV-418-RM Datasheet HTML 12Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Page 10
LEGAL CONSIDERATIONS
When working with RF, a clear distinction must be made between what is
technically possible and what is legally acceptable in the country where operation
is intended. Many manufacturers have avoided incorporating RF into their
products as a result of uncertainty and even fear of the approval and certification
process. Here at Linx our desire is not only to expedite the design process, but
also to assist you in achieving a clear idea of what is involved in obtaining the
approvals necessary to legally market your completed product.
In the United States the approval process is actually quite straightforward. The
regulations governing RF devices and the enforcement of them are the
responsibility of the Federal Communications Commission. The regulations are
contained in the Code of Federal Regulations (CFR), Title 47. Title 47 is made up
of numerous volumes; however, all regulations applicable to this module are
contained in volume 0-19. It is strongly recommended that a copy be obtained
from the Government Printing Office in Washington, or from your local government
book store. Excer pts
of
applicable
sections
are included with
Linx
evaluation kits or may be obtained from the Linx Technologies web site
(www.linxtechnologies.com). In brief, these rules require that any device which
intentionally radiates RF energy be approved, that is, tested, for compliance and
issued a unique identification number. This is a relatively painless process. Linx
offers full EMC pre-compliance testing in our HP/Emco-equipped test center. Final
compliance testing is then performed by one of the many independent testing
laboratories across the country. Many labs can also provide other certifications the
product may require at the same time, such as UL, CLASS A/B, etc. Once your
completed product has passed, you will be issued an ID number which is then
clearly placed on each product manufactured.
Questions regarding interpretations of the Part 2 and Part 15 rules or measurement
procedures used to test intentional radiators should be addressed to:
Federal Communications Commission
Equipment Authorization Division
Customer Service Branch, MS 1300F2
7435 Oakland Mills Road
Columbia, MD 21046
Tel: (301) 725-1585 / Fax: (301) 344-2050 E-Mail: labinfo@fcc.gov
International approvals are slightly more complex, although many modules are
designed to allow all international standards to be met. If you are considering the
export of your product abroad, you should contact Linx Technologies to determine
the specific suitability of the module to your application.
All Linx modules are designed with the approval process in mind and thus much
of the frustration that is typically experienced with a discrete design is eliminated.
Approval is still dependent on many factors such as the choice of antennas,
correct use of the frequency selected, and physical packaging. While some extra
cost and design effor t are required to address these issues, the additional
usefulness and profitability added to a product by RF makes the effort more than
worthwhile.
NOTE: RM Series Modules are designed as component devices which
require external components to function. The modules are intended to
allow for full Part 15 compliance; however, they are not approved by the
FCC or any other agency worldwide. The purchaser understands that
approvals may be required prior to the sale or operation of the device, and
agrees to utilize the component in keeping with all laws governing its
operation in the country of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com