Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDEV-418-RM Datasheet(PDF) 2 Page - Linx Technologies

Part # MDEV-418-RM
Description  R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-418-RM Datasheet(HTML) 2 Page - Linx Technologies

  MDEV-418-RM Datasheet HTML 1Page - Linx Technologies MDEV-418-RM Datasheet HTML 2Page - Linx Technologies MDEV-418-RM Datasheet HTML 3Page - Linx Technologies MDEV-418-RM Datasheet HTML 4Page - Linx Technologies MDEV-418-RM Datasheet HTML 5Page - Linx Technologies MDEV-418-RM Datasheet HTML 6Page - Linx Technologies MDEV-418-RM Datasheet HTML 7Page - Linx Technologies MDEV-418-RM Datasheet HTML 8Page - Linx Technologies MDEV-418-RM Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page 2
MODULE DESCRIPTION
The RM Series is a SAW-(Surface Acoustic Wave) based transmitter designed
to be utilized in combination with a matching RM Series receiver. By adding a
simple antenna, the pair can transfer serial data at distances well in excess
of 500 feet. The range of the RF link is widely variable and depends upon
many factors including the type of antenna employed and the operating
environment. The 500 ft. quoted range is a conservative operating distance
over open ground using 1/4-whip antennae at both ends of the link at 5 feet
above the ground. Use of a less efficient antenna or adverse environmental
factors such as interference, obstacles, or multipath can substantially reduce
the link’s reliable working range. Slowing the data rate or utilizing a directional
antenna (especially on the receiver) can provide increased performance but
may not comply with licensing requirements. It is recommended that your
individual application be reviewed with Linx prior to entering production or
seeking approvals.
figure 1: LINX-TX block diagram
THE SAW BASED DESIGN ADVANTAGE
The SAW (Surface Acoustic Wave) device provides a highly accurate
frequency source with excellent immunity to frequency shift due to age or
temperature. By using a SAW to insure accurate frequency control on the
transmitter module the receiver’s pass opening can be quite narrow, resulting
in outstanding sensitivity and greater immunity to interfering signals. In order
to frequency modulate this carrier the SAW is externally pulled to obtain the
necessary deviation.
By employing a SAW on both the RM transmitter and receiver the units provide
an excellent performance rivaling far more complex and costly systems. The
SAW device, in combination with advanced design and manufacturing
techniques, has made it possible to dramatically reduce the size and cost of
an RF link while enhancing its performance. The end user benefits from
improved product range and reliability and the OEM manufacturer from lower
cost and simpler manufacturing procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com