Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE85176AUG/DA Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCE85176AUG/DA
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 32Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 33Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 34Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 35Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 36Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 37Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 38Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 39Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
36 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
Table 26.
Dimensions of PCE85176AUG
Original dimensions are in mm.
Unit (mm)
A
A1
A2
b
D
E
L
max
----
---
nom
0.40
0.015
0.38
0.051
2.1
1.8
0.054
min
----
---
Table 27.
Bump location for PCE85176AUG
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip (see Figure 27).
Symbol
Bump
Location
Pitch
Description
X (
m)
Y (
m)
X (
m) Y (m)
SDA
1
52.4
843.7
-
-
I2C-bus serial data input/output
SCL
2
91.5
843.7
143.9
0
I2C-bus serial clock input
SCL
3
163.5
843.7
72
0
T1
4
347.6
843.7
184.1
0
test pin
CLK
5
451.1
843.7
103.5
0
external clock input/output
VDD
6
559.1
843.7
108
0
supply voltage
OSC
7
722.9
843.7
163.8
0
internal oscillator enable input
T2
8
817.8
843.7
94.9
0
test pins
T3
9
972.5
612.9
-
-
T4
10
972.5
495.9
0
117
SA0
11
972.5
378.9
0
117
I2C-bus address input; bit 0
VSS
12
972.5
203.4
0
175.5
ground supply voltage
VLCD
13
972.5
27.8
0
231.2
LCD supply voltage
BP0
14
972.5
174.5
0
146.7
LCD backplane outputs
BP2
15
972.5
250.8
0
76.3
BP1
16
972.5
327.0
0
76.2
BP3
17
972.5
403.2
0
76.2
S0
18
972.5
511.2
0
108
LCD segment outputs
S1
19
972.5
583.2
0
72
S2
20
972.5
655.2
0
72
S3
21
972.5
727.2
0
72
S4
22
329.2
843.7
-
-
S5
23
246.0
843.7
83.2
0
S6
24
162.7
843.7
83.3
0
S7
25
79.5
843.7
83.2
0
S8
26
3.8
843.7
83.3
0
S9
27
87.0
843.7
83.2
0
S10
28
170.3
843.7
83.3
0
S11
29
253.5
843.7
83.2
0
S12
30
336.8
843.7
83.3
0
S13
31
420.0
843.7
83.2
0
S14
32
503.3
843.7
83.3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com