Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE85176AUG/DA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCE85176AUG/DA
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 7Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 8Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 9Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 10Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 11Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 12Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 13Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 14Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
11 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
7.3.1 Writing to RAM
The addressing mechanism for the display RAM is realized using the data pointer. This
allows the loading of an individual display data byte, or a series of display data bytes, into
any location of the display RAM.
The sequence always commences with the initialize-RAM command (see Table 12).
Following this command, the data pointer has to be set to the desired RAM address using
the load-data-pointer command (see Table 10). After this an arriving data byte is stored at
the display RAM address indicated by the data pointer. The RAM writing procedure is
illustrated in Figure 5 and the filling order of the RAM is shown in Figure 4.
After each byte is stored, the content of the data pointer is automatically incremented by a
value dependent on the selected LCD drive mode:
• In static drive mode by eight.
• In 1:2 multiplex drive mode by four.
• In 1:3 multiplex drive mode by three.
• In 1:4 multiplex drive mode by two.
If an I2C-bus data access terminates early, then the state of the data pointer is unknown.
So, the data pointer must be rewritten before further RAM accesses.
Fig 5.
RAM writing procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com