Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4196ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4196ESA
Description  Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4196ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4196ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MAX4194–MAX4197
Micropower, Single-Supply,
Rail-to-Rail, Precision
Instrumentation Amplifiers
Maxim Integrated | 3
www.maximintegrated.com
Electrical Characteristics (continued)
(VCC = +5V, VEE = 0V, RL = 25kΩ tied to VCC/2, VREF = VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
G = +1V
78
95
G = +10V
93
115
G = +100V/V
95
115
VCM = VEE + 0.2V
to VCC - 1.1V,
TA = +25°C,
ΔRS = 1kΩ
G = +1000V/V
115
G = +1V
73
95
G = +10V
88
115
G = +100V/V
90
115
DC Common-Mode
Rejection
CMRDC
VCM = VEE + 0.2V
to VCC - 1.1V,
TA = TMIN to TMAX,
ΔRS = 1kΩ
G = +1000V/V
115
dB
G = +1V
85
G = +10V
101
AC Common-Mode
Rejection
CMRAC
VCM = VEE + 0.2V
to VCC - 1.1V,
f = 120Hz
G = +100V
106
dB
Power-Supply Rejection
PSR
+2.7V
≤ VCC ≤ +7.5V; VCM = +1.5V;
VOUT = +1.5V; VREF = +1.5V; RL = 25k
Ω to
+1.5V; G = +1V/V, +10V/V, +100V/V
90
120
dB
Input Bias Current
IB
VCM = VCC/2
6
20
nA
Input Bias Current Drift
TCIB
VCM = VCC/2
15
pA/°C
Input Offset Current
IOS
VCM = VCC/2
±1.0
±3.0
nA
Input Offset Current Drift
TCIOS
VCM = VCC/2
15
pA/°C
f = 10Hz
85
f = 100Hz
75
f = 10kHz
72
nV/
√Hz
G = +1V/V
f = 0.1Hz to 10Hz
1.4
µVRMS
f = 10Hz
35
f = 100Hz
32
f = 10kHz
31
nV/
√Hz
G = +10V/V
f = 0.1Hz to 10Hz
0.7
µVRMS
f = 10Hz
32
f = 100Hz
31
f = 10kHz
8.7
nV/
√Hz
Input Noise Voltage
en
G = +100V/V
f = 0.1Hz to 10Hz
0.6
µVRMS
f = 10Hz
2.4
f = 100Hz
0.76
f = 10kHz
0.1
pA/
√Hz
Input Noise Current
in
f = 0.1Hz to 10Hz
16
pARMS
VCC - VOH
30
100
RL = 25k
Ω to VCC/2
VOL
30
100
VCC - VOH
100
200
Output Voltage Swing
VOH, VOL
RL = 5k
Ω to VCC/2
VOL
100
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com