Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4196ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4196ESA
Description  Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4196ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4196ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4196ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MAX4194–MAX4197
Micropower, Single-Supply,
Rail-to-Rail, Precision
Instrumentation Amplifiers
Maxim Integrated | 5
www.maximintegrated.com
Maxim Integrated | 5
www.maximintegrated.com
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time to Shutdown
tSHDN
G = +1V/V, 0.1%,
VOUT = +3V
MAX4195/MAX4196/
MAX4197 only
0.5
ms
Enable Time From
Shutdown
tENABLE
G = +1V/V, 0.1%,
VOUT = +3.5V
MAX4195/MAX4196/
MAX4197 only
0.5
ms
Power-Up Delay
G = +1V/V, 0.1%, VOUT = +3.5V
1
ms
On/Off Settling Time
tON/OFF
VSHDN = VCC - 2.5V to VCC - 1.5V,
G = +100V/V, 0.1%, VOUT = +3.5V
0.5
ms
Note 1: Guaranteed by design.
Note 2: Maximum output current (sinking/sourcing) in which the gain changes by less than 0.1%.
Note 3: This specification represents the typical temperature coefficient of an on-chip thin film resistor. In practice, the temperature
coefficient of the gain for the MAX4194 will be dominated by the temperature coefficient of the external gain-setting resistor.
Electrical Characteristics (continued)
(VCC = +5V, VEE = 0V, RL = 25kΩ tied to VCC/2, VREF = VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
100
1k
10k
100k
1M
MAX4194
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
G = +100V/V
G = +10V/V
G = +1V/V
100
1k
10k
100k
1M
MAX4195/MAX4196/MAX4197
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
G = +100V/V
G = +10V/V
G = +1V/V
-6
-5
-4
-3
-2
-1
0
1
2
3
4
11k
100
10
0.1% SETTLING TIME vs. GAIN
(VOUT = 2Vp-p)
10k
10
1
1k
100
GAIN (V/V)
Typical Operating Characteristics
(VCC = +5V, VEE = 0, RL = 25kΩ tied to VCC/2, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com