Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY75602B Datasheet(PDF) 18 Page - Microchip Technology

Part # SY75602B
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75602B Datasheet(HTML) 18 Page - Microchip Technology

Back Button SY75602B Datasheet HTML 14Page - Microchip Technology SY75602B Datasheet HTML 15Page - Microchip Technology SY75602B Datasheet HTML 16Page - Microchip Technology SY75602B Datasheet HTML 17Page - Microchip Technology SY75602B Datasheet HTML 18Page - Microchip Technology SY75602B Datasheet HTML 19Page - Microchip Technology SY75602B Datasheet HTML 20Page - Microchip Technology SY75602B Datasheet HTML 21Page - Microchip Technology SY75602B Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
SY75602A/02B/603A/03B/604A/04B
DS20006508B-page 18
2021 Microchip Technology Inc. and its subsidiaries
16-Lead VQFN 3.0 mm x 3.0 mm Package Outline and Recommended Land Pattern
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Sheet 1 of 2
2X
16X
For the most current package drawings, please see the Microchip Packaging Specification located at
Note:
http://www.microchip.com/packaging
16-Lead Very Thin Quad Flat, No Lead Package (4MX) - 3x3x0.9 mm Body [VQFN]
With 1.10 mm Exposed Pad and Stepped Wettable Flanks
Microchip Technology Drawing C04-508 Rev A
SECTION A–A
AA
NOTE1
(DATUM B)
(DATUM A)
NOTE 1
SEATING
PLANE
A1
(A3)
A
D2
E2
D
E
e
16X b
(D3)
A4
L
e
2
1
2
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com