Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY75602B Datasheet(PDF) 12 Page - Microchip Technology

Part # SY75602B
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75602B Datasheet(HTML) 12 Page - Microchip Technology

Back Button SY75602B Datasheet HTML 8Page - Microchip Technology SY75602B Datasheet HTML 9Page - Microchip Technology SY75602B Datasheet HTML 10Page - Microchip Technology SY75602B Datasheet HTML 11Page - Microchip Technology SY75602B Datasheet HTML 12Page - Microchip Technology SY75602B Datasheet HTML 13Page - Microchip Technology SY75602B Datasheet HTML 14Page - Microchip Technology SY75602B Datasheet HTML 15Page - Microchip Technology SY75602B Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
SY75602A/02B/603A/03B/604A/04B
DS20006508B-page 12
2021 Microchip Technology Inc. and its subsidiaries
4.0
FUNCTIONAL DESCRIPTION
The SY75602A/02B/603A/03B/604A/04B are PCIe
clock buffers with ultra-low additive jitter. They can be
used in all PCIe 1/2/3/4/5 common clock and SRIS
applications.
SY75602A/02B are the industry’s smallest
(1.4 mm x 1.6 mm VDFN) two output PCIe clock
buffers.
SY75603A/03B and SY75604A/04B are two and four
output PCIe clock buffers with glitch free per-output
enable/disable control hardware pins. Both devices are
packaged in 3 mm x 3 mm VQFN.
The devices have embedded low-dropout regulators
(LDO) for superior power noise supply rejection. They
support 1.8V, 2.5V, and 3.3V supplies with tolerance of
±10% which exceeds ±9% required by PCIe Card
Electro Mechanical Specification.
4.1
Clock Input
Please refer to the Functional Block Diagrams on how
to terminate different signals fed to the input of the
device.
Figure 4-1 and Figure 4-2 show how to terminate input
of the device in most common cases: Low Power HCSL
(LPHCSL), HCSL, and single-ended LVCMOS.
FIGURE 4-1:
Input Driven by LPHCSL
Driver.
FIGURE 4-2:
Input Driven by HCSL
Driver.
Figure 4-3 shows how to terminate a single-ended
output, such as LVCMOS. This example assumes 50Ω
transmission line which is the most common for single
ended CMOS signaling. Ideally, resistors R1 and R2
should be 100Ω each and RO + RS should be 50Ω so
that the transmission line is terminated at both ends
with characteristic impedance. If the driving strength of
the output driver is not sufficient to drive low
impedance, the value of series resistor RS should be
increased. This will reduce the voltage swing at the
input but this should be fine as long as the input voltage
swing requirement is not violated (0.3V). The source
resistors of RS = 270Ω could be used for standard
LVCMOS driver. This will provide 516 mV of voltage
swing for 3.3V LVCMOS driver with load current of
(3.3V/2) * (1/(270Ω + 50Ω)) = 5.16 mA.
For optimum performance both differential input pins
(_p and _n) need to be DC biased to the same voltage.
Hence, the ratio R1/R2 should be equal to the ratio
R3/R4.
FIGURE 4-3:
Input Driven from a
Single-Ended CMOS Output.
The differential input has hysteresis of 30 mV that
prevents outputs from randomly toggling when both p
and n inputs are at the same voltage level. For
example, when p and n inputs are held low as in the
case when the buffer is driven from an HCSL driver that
is disabled.
4.2
Clock Outputs
Differential outputs have embedded termination
resistors as shown in Figure 4-4. This provides
significant saving relative to traditional current based
HCSL outputs which require four resistors per
differential output.
FIGURE 4-4:
Terminating Differential
Outputs.
Embedded
termination
resistors
in
SY75602A/603A/604A are matched for 85Ω and
embedded
termination
resistors
in
SY75602B/603B/604B are matched for 100Ω
differential transmission line.
Z0
Z0
MCHP
Device
Rs
VDD
VDD
Push-Pull di eren al driver (LPHCSL)
Rs
Z0
Z0
MCHP
Device
50
50
33
33
VDD
HCSL
Output
R1
R2
Z0 = 50
MCHP
Device
VDD
Rs
VDD
0.1 μF
Ro
Ro + Rs = Z0
VDD
R3
R4
R1/R2 = R3/R4
VDD
0.1 μF
R1
R2
442
332
237
56
59
62
VDD
3.3V
2.5V
1.8V
R3
R4
10 k
10 k
10 k
1.27 k
1.78 k
2.61 k
85
di eren al
Rs
Rs
VDD
HCSL Inp ut
100
di eren al
Rs
Rs
VDD
HCSL Inp ut
SY75602A/03A/04A
SY75602B/03B/04B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com