Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD2-480-3P0-R Datasheet(PDF) 1 Page - Littelfuse

Part # SPD2-480-3P0-R
Description  Surge Protection Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPD2-480-3P0-R Datasheet(HTML) 1 Page - Littelfuse

  SPD2-480-3P0-R Datasheet HTML 1Page - Littelfuse SPD2-480-3P0-R Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Littelfuse.com/spd
© 2019 Littelfuse, Inc.
Rev: 1-A-061719
1 of 2
Surge Protection Devices
SPD2 3P+0 SERIES
Class II/Type 2/Type 1 CA Pluggable Multi-Pole
Visual Life
Indicator
Pluggable RC
Connector
Description
Surge protection devices (SPDs) provide equipment protection
from transient overvoltage events lasting micro-seconds. By
limiting the overvoltage to the equipment during these events,
costly damage and downtime can be mitigated.
The surge protection devices for the 3+0 configuration are
available for 120 V to 600 V nominal voltage sub-distribution
board applications.
Features & Benefits
FEATURES
BENEFITS
Capability to clamp and
withstand high-energy
transients
Ensures low-residual voltage during high-energy
surge events and higher nominal discharge current
to prevent disruption, downtime, and degradation or
damage to equipment
UL Recognized and
VDE-IEC compliant in
single part number
One component can be utilized globally, reducing
inventory needs and simplifying allocation of parts
Interlocking tab
mechanism
Secures module to withstand vibration
No additional
overcurrent protection
devices required in
UL applications
Reduces the number of components and costs
required for protection
Compact footprint
Increases panel design flexibility
Visual life indicator
Quick visual determines module replacement status
to avoid loss of protection
Pluggable modules
Fast and simple to replace, minimizing maintenance
and downtime. No tools required
Thermal protection
Eliminates catastrophic failure
IP20 protection rating
Finger-safe design increases worker protection
Internal Configuration
Legend
L
Line
N Neutral
Protective Earth
RC Remote Contacts
TD Thermal Disconnection
L1
L2
L3
14 11 12
RC
TD
TD
TD
Module & Base Ordering Information
Ordering Number
IEC Electrical
UL Electrical
Single Unit
Weight
SPD2-150-3P0-R
120 V
150 V
20 kA
50 kA
1250 V
25 kA / 50 kA
229 V
229 V / Withstand
150 V
600 V
20 kA
200 kA
355 g (0.783 lb)
SPD2-300-3P0-R
240 V
300 V
20 kA
50 kA
1500 V
25 kA / 50 kA
337 V
442 V / Safe Fail
300 V
900 V
20 kA
150 kA
376 g (0.829 lb)
SPD2-350-3P0-R
277 V
350 V
20 kA
50 kA
1750 V
25 kA / 50 kA
403 V
529 V / Safe Fail
350 V
1000 V
20 kA
200 kA
391 g (0.862 lb)
SPD2-480-3P0-R
400 V
480 V
20 kA
50 kA
2300 V
25 kA / 50 kA
581 V
762 V / Safe Fail
480 V
1500 V
20 kA
200 kA
406 g (0.896 lb)
SPD2-550-3P0-R*
480 V
550 V
20 kA
50 kA
2500 V
25 kA / 50 kA
697 V
915 V / Safe Fail
550 V
2000 V
20 kA
200 kA
414 g (0.913 lb)
SPD2-750-3P0-R
600 V
750 V
20 kA
35 kA
3400 V
25 kA / 50 kA
871 V
1143 V / Safe Fail
750 V
2500 V
20 kA
200 kA
454 g (1.001 lb)


Similar Part No. - SPD2-480-3P0-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPD2-480-1P0-R LITTELFUSE-SPD2-480-1P0-R Datasheet
152Kb / 2P
Surge Protection Devices SPD2 1P0 SERIES
Rev: 1-A-061719
SPD2-480-2P0-R LITTELFUSE-SPD2-480-2P0-R Datasheet
159Kb / 2P
Surge Protection Devices SPD2 2P0 SERIES
Rev: 1-A-061719
SPD2-480-4P0-R LITTELFUSE-SPD2-480-4P0-R Datasheet
175Kb / 2P
Surge Protection Devices SPD2 40 SERIES
Rev: 1-A-061719
SPD2-480-M LITTELFUSE-SPD2-480-M Datasheet
152Kb / 2P
Surge Protection Devices SPD2 1P0 SERIES
Rev: 1-A-061719
SPD2-480-M LITTELFUSE-SPD2-480-M Datasheet
159Kb / 2P
Surge Protection Devices SPD2 2P0 SERIES
Rev: 1-A-061719
More results

Similar Description - SPD2-480-3P0-R

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL70002 ZARLINK-ZL70002 Datasheet
271Kb / 12P
Medical Surge Protection Devices
logo
Littelfuse
SP1003 LITTELFUSE-SP1003 Datasheet
232Kb / 6P
ESD/Surge Protection Devices
SP1003 LITTELFUSE-SP1003_10 Datasheet
408Kb / 6P
SPA??Silicon Protection Array Products ESD/Surge Protection Devices
logo
Okaya Electric America,...
R5K3 OKAYA-R5K3 Datasheet
234Kb / 2P
SURGE PROTECTIVE DEVICES
R26-900-BGL OKAYA-R26-900-BGL_14 Datasheet
84Kb / 1P
SURGE PROTECTIVE DEVICES
R28-900-BHL OKAYA-R28-900-BHL_14 Datasheet
75Kb / 1P
SURGE PROTECTIVE DEVICES
logo
Littelfuse
SPD2-550-1P0-R LITTELFUSE-SPD2-550-1P0-R Datasheet
152Kb / 2P
Surge Protection Devices SPD2 1P0 SERIES
Rev: 1-A-061719
SPD2-550-2P0-R LITTELFUSE-SPD2-550-2P0-R Datasheet
159Kb / 2P
Surge Protection Devices SPD2 2P0 SERIES
Rev: 1-A-061719
SPD2-550-4P0-R LITTELFUSE-SPD2-550-4P0-R Datasheet
175Kb / 2P
Surge Protection Devices SPD2 40 SERIES
Rev: 1-A-061719
logo
Eaton All Rights Reserv...
SG13309 EATON-SG13309 Datasheet
1Mb / 36P
Surge Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com