Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1765ACPZ-1.0-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1765ACPZ-1.0-R7
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765ACPZ-1.0-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1765ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP1765
Data Sheet
Rev. A | Page 12 of 20
FREQUENCY (Hz)
1
10
100
1k
10k
100k
10M
1M
VIN = 1.1V
VIN = 1.2V
VIN = 1.3V
VIN = 1.4V
VIN = 1.5V
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 34. Power Supply Rejection Ratio (PSRR) vs. Frequency at
Various Input Voltages (VIN), VOUT = 0.9 V, Load = 5 A
FREQUENCY (Hz)
1
10
100
1k
10k
100k
10M
1M
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
ILOAD = 5.0A
Figure 35. Power Supply Rejection Ratio (PSRR) vs. Frequency at
Various Loads (ILOAD), VOUT = 0.9 V, VIN = 1.3 V
0.2
0.3
0.4
0.5
0.6
HEADROOM (V)
FREQUENCY = 10Hz
FREQUENCY = 100Hz
FREQUENCY = 1kHz
FREQUENCY = 10kHz
FREQUENCY = 100kHz
FREQUENCY = 1MHz
FREQUENCY = 10MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 36. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage at
Various Frequencies, VOUT = 0.9 V, Load = 5 A
0.2
0.3
0.4
0.5
0.6
HEADROOM (V)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY = 10Hz
FREQUENCY = 100Hz
FREQUENCY = 1kHz
FREQUENCY = 10kHz
FREQUENCY = 100kHz
FREQUENCY = 1MHz
FREQUENCY = 10MHz
Figure 37. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage at
Various Frequencies, VOUT = 1.3 V, Load = 5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com