Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1765ACPZ-1.0-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1765ACPZ-1.0-R7
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765ACPZ-1.0-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1765ACPZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 18Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 19Page - Analog Devices ADP1765ACPZ-1.0-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP1765
Data Sheet
Rev. A | Page 18 of 20
0
0.2
0.6
1.0
0.4
0.8
1.2
1.4
VIN – VOUT (V)
0
20
40
60
80
100
120
140
TJ MAX
0.1A
1.0A
2.0A
3.0A
4.0A
5.0A
Figure 53. 1000 mm2 of PCB Copper, TB = 50°C
0
0.2
0.6
1.0
0.4
0.8
1.2
1.4
VIN – VOUT (V)
0
20
40
60
80
100
120
140
TJ MAX
0.1A
1.0A
2.0A
3.0A
4.0A
5.0A
Figure 54. 500 mm2 of PCB Copper, TB = 50°C
0
0.2
0.6
1.0
0.4
0.8
1.2
1.4
VIN – VOUT (V)
0
20
40
60
80
100
120
140
TJ MAX
0.1A
1.0A
2.0A
3.0A
4.0A
5.0A
Figure 55. 100 mm2 of PCB Copper, TB = 50°C
TB = 93.3°C
TADP1765 = 115.3°C
Figure 56. Thermal Image of the ADP1765 Evaluation Board at ILOAD = 5 A,
VIN = 1.5 V, VOUT = 1.3 V, TB = 93.3°C
Figure 56 shows a thermal image of the ADP1765 evaluation
board operating at a 5 A current load. The total power dissipation
on the ADP1765 is 933 mW, which makes the temperature on
the surface of the device higher by 22°C than the temperature of
the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com