Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-09716 Datasheet(PDF) 4 Page - SparkFun Electronics

Part # DEV-09716
Description  SparkFun FTDI Basic Breakout - 5V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-09716 Datasheet(HTML) 4 Page - SparkFun Electronics

  DEV-09716 Datasheet HTML 1Page - SparkFun Electronics DEV-09716 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
Open
0x10
Closed
0x11
The Infrared Shields
See those little brass tubes on the LEDs? They are needed to block any IR
light going directly from the LEDs (inside the brass tubes) to the receiver
(the black domed component in the center of the sensor). We want the light
to bounce off an object first.
They are held on with Super Glue. You can remove them, but it might
require a bit of acetone. If you plan to mount the ZX Sensors in your own
housing, make sure IR light can’t travel directly from the sides of the LEDs
to the receiver (i.e. you will want to make your own IR shields).
Hardware Hookup
Add Headers
Solder a row of break away male headers to the 9 headers holes on the
board.
Connect the Breakout Board
For the Arduino examples, we will be using I C. Connect the breakout
board to the following RedBoard pins:
2
Page 4 of 13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com