Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-09716 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-09716
Description  SparkFun FTDI Basic Breakout - 5V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-09716 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-09716 Datasheet HTML 1Page - SparkFun Electronics DEV-09716 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZX Distance and Gesture Sensor Hookup
Guide
Introduction
The ZX Distance and Gesture Sensor is a collaboration product with XYZ
Interactive. The very smart people at XYZ Interactive have created a unique
technology that allows for simple infrared beams to be used to detect an
object’s location in two dimensions.
The ZX Sensor is a touchless sensor that is capable of looking for simple
gestures in the air above the sensor (e.g. swipe left or right). Additionally,
the sensor can also recognize the distance of an object away from the
sensor up to about 10 inches (25 cm), which we will call the “Z” axis, and
the location of the object from side to side across the sensor in about a 6
inch (15 cm) span, which we will call the “X” axis.
Covered in This Tutorial
We can use I C or UART to communicate with the ZX Sensor. In this
tutorial, we will show you how to connect the sensor to an Arduino as well
as a computer. The tutorial is divided into the following sections:
• Board Overview – We go over the various pins and jumper settings
on the ZX Sensor.
• Hardware Hookup – How to connect the sensor to an Arduino.
• Arduino Library Installation – Install the ZX Sensor library if you plan
to use it with an Arduino
• Arduino: ZX Example – How to read Z- and X- axis data from the
sensor on an Arduino.
• Arduino: Gesture Example – How to read gestures with an Arduino.
• PC: ZX Example – How to read Z- and X- axis data on a Windows
computer.
2
Page 1 of 13


Similar Part No. - DEV-09716

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-09760 SPARKFUN-DEV-09760 Datasheet
290Kb / 9P
Joystick Shield Quickstart Guide
logo
AG Electronica
DEV-09760 AGELECTRONICA-DEV-09760 Datasheet
152Kb / 1P
KIT DE MODULO JOYSTICK
25/02/2021
More results

Similar Description - DEV-09716

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-10680 SPARKFUN-BOB-10680 Datasheet
106Kb / 1P
SparkFun Shift Register Breakout
BOB-15100 SPARKFUN-BOB-15100 Datasheet
2Mb / 3P
SparkFun USB-C Breakout
12????8
BOB-15697 SPARKFUN-BOB-15697 Datasheet
530Kb / 2P
SparkFun Fuse Breakout Board
10????9
DEV-10275 SPARKFUN-DEV-10275 Datasheet
103Kb / 2P
LilyPad FTDI Basic Breakout - 5V
11/24/2015
DEV-15096 SPARKFUN-DEV-15096 Datasheet
1Mb / 3P
SparkFun Serial Basic Breakout - CH340C and USB-C
12??8??8
KIT-15702 SPARKFUN-KIT-15702 Datasheet
593Kb / 3P
SparkFun Fuse Breakout Kit
10????9
PRT-10588 SPARKFUN-PRT-10588 Datasheet
121Kb / 1P
SparkFun Audio Jack Breakout
5??6??7
PRT-10968 SPARKFUN-PRT-10968 Datasheet
100Kb / 1P
SparkFun 5V Step-Up Breakout - NCP1402
11/16/2015
BOB-00716 SPARKFUN-BOB-00716 Datasheet
109Kb / 1P
SparkFun RJ45 Breakout
6/24/2015
BOB-11083 SPARKFUN-BOB-11083 Datasheet
100Kb / 1P
SparkFun FM Tuner Basic Breakout - Si4703
11/24/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com