Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-09716 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-09716
Description  SparkFun FTDI Basic Breakout - 5V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-09716 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-09716 Datasheet HTML 1Page - SparkFun Electronics DEV-09716 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZX Gesture and Distance Sensor Hookup Guide SparkFun Wish
List
• Resources and Going Further – This section gives you some
additional resources for getting more use out of the ZX Sensor.
Materials Used
In addition to the sensor itself, you will need a few extra components to
follow along with the Arduino examples:
ZX Distance and Gesture Sensor
SEN-12780
The ZX Distance and Gesture Sensor is a touchless sensor that is ca…
SparkFun USB Mini-B Cable - 6 Foot
CAB-11301
This is a USB 2.0 type A to Mini-B 5-pin cable. You know, the mini-B…
SparkFun RedBoard - Programmed with Arduino
DEV-12757
At SparkFun we use many Arduinos and we're always looking for the…
Breadboard - Mini Modular (White)
PRT-12043
This white Mini Breadboard is a great way to prototype your small proj…
Jumper Wires Premium 6" M/M Pack of 10
PRT-08431
This is a SparkFun exclusive! These are 155mm long jumpers with m…
Break Away Headers - Straight
PRT-00116
A row of headers - break to fit. 40 pins that can be cut to any size. Us…
If you would like to try the ZX Sensor on a Windows-based PC, you will
need an FTDI Breakout:
Recommended Reading
There are a few concepts that you should be familiar with before getting
started with the ZX Sensor. Consider reading some of these tutorials before
continuing:
• What is an Arduino? – Two of the examples use an Arduino to
control the ZX Sensor
• I C – I C is the one of the protocols used by the ZX Sensor
• Serial Communication – We use serial communications to program
the Arduino, view debugging information, and transmit data from the
ZX Sensor
SparkFun FTDI Basic
Breakout - 5V
 DEV-09716
$14.95
   37
22
Page 2 of 13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com