Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750VB Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 58Page - STMicroelectronics STM32H750VB Datasheet HTML 59Page - STMicroelectronics STM32H750VB Datasheet HTML 60Page - STMicroelectronics STM32H750VB Datasheet HTML 61Page - STMicroelectronics STM32H750VB Datasheet HTML 62Page - STMicroelectronics STM32H750VB Datasheet HTML 63Page - STMicroelectronics STM32H750VB Datasheet HTML 64Page - STMicroelectronics STM32H750VB Datasheet HTML 65Page - STMicroelectronics STM32H750VB Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 337 page
background image
Pin descriptions
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
62/336
DS12556 Rev 6
--
-
-
M4(5)
PC3
I/O
FT_a
-
CSLEEP, DFSDM1_DATIN1,
SPI2_MOSI/I2S2_SDO,
OTG_HS_ULPI_NXT,
ETH_MII_TX_CLK,
FMC_SDCKE0, EVENTOUT
ADC12_
INN12,
ADC12_
INP13
18(6) 29(6) M5(6)
35(6)
R2(5)
PC3_C
ANA
TT_a
-
ADC3_
INP1
-30
G3
36
E11
VDD
S
-
-
-
-
-
J10
-
C13
VSS
S
-
-
-
-
19
31
M1
37
P1
VSSA
S
-
-
-
-
--
N1
-
N1
VREF-
S
-
-
-
-
20
32
P1
38
M1
VREF+
S
-
-
-
-
21
33
R1
39
L1
VDDA
S
-
-
-
-
22
34
N3
40
N5(5)
PA0
I/O
FT_a
-
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
TIM15_BKIN,
USART2_CTS/USART2_NSS,
UART4_TX, SDMMC2_CMD,
SAI2_SD_B, ETH_MII_CRS,
EVENTOUT
ADC1_
INP16,
WKUP0
--
-
-
T1(5)
PA0_C
ANA
TT_a
-
ADC12_
INN1,
ADC12_
INP0
23
35
N2
41
N4(5)
PA1
I/O
FT_ha
-
TIM2_CH2, TIM5_CH2,
LPTIM3_OUT, TIM15_CH1N,
USART2_RTS/USART2_DE,
UART4_RX, QUADSPI_BK1_IO3,
SAI2_MCLK_B,
ETH_MII_RX_CLK/ETH_RMII_RE
F_CLK, LCD_R2, EVENTOUT
ADC1_
INN16,
ADC1_
INP17
--
-
-
T2(5)
PA1_C
ANA
TT_a
-
ADC12_
INP1
24
36
P2
42
N3
PA2
I/O
FT_a
-
TIM2_CH3, TIM5_CH3,
LPTIM4_OUT, TIM15_CH1,
USART2_TX, SAI2_SCK_B,
ETH_MDIO, MDIOS_MDIO,
LCD_R1, EVENTOUT
ADC12_
INP14,
WKUP1
-
-
F4
43
N2
PH2
I/O
FT_ha
-
LPTIM1_IN2,
QUADSPI_BK2_IO0,
SAI2_SCK_B, ETH_MII_CRS,
FMC_SDCKE0, LCD_R0,
EVENTOUT
ADC3_
INP13
--
-
-
F5
VDD
S
-
-
-
-
-
-
J8
-
C16
VSS
S
-
-
-
-
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com