Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750VB Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 60Page - STMicroelectronics STM32H750VB Datasheet HTML 61Page - STMicroelectronics STM32H750VB Datasheet HTML 62Page - STMicroelectronics STM32H750VB Datasheet HTML 63Page - STMicroelectronics STM32H750VB Datasheet HTML 64Page - STMicroelectronics STM32H750VB Datasheet HTML 65Page - STMicroelectronics STM32H750VB Datasheet HTML 66Page - STMicroelectronics STM32H750VB Datasheet HTML 67Page - STMicroelectronics STM32H750VB Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 337 page
background image
Pin descriptions
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
64/336
DS12556 Rev 6
31
43
R3
53
R5
PA7
I/O
TT_a
-
TIM1_CH1N, TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI/I2S1_SDO,
SPI6_MOSI, TIM14_CH1,
ETH_MII_RX_DV/ETH_RMII_CRS
_DV, FMC_SDNWE, EVENTOUT
ADC12_
INN3,
ADC12_
INP7,
OPAMP1_
VINM
32
44
N5
54
T4
PC4
I/O
TT_a
-
DFSDM1_CKIN2, I2S1_MCK,
SPDIFRX1_IN3,
ETH_MII_RXD0/ETH_RMII_RXD0
, FMC_SDNE0, EVENTOUT
ADC12_
INP4,
OPAMP1_
VOUT,
COMP1_
INM
33
45
P5
55
U4
PC5
I/O
TT_a
-
SAI1_D3, DFSDM1_DATIN2,
SPDIFRX1_IN4, SAI4_D3,
ETH_MII_RXD1/ETH_RMII_RXD1
, FMC_SDCKE0, COMP1_OUT,
EVENTOUT
ADC12_
INN4,
ADC12_
INP8,
OPAMP1_
VINM
--
-
-
G13
VDD
S
-
-
-
-
-
-
J9
-
R4
VSS
S
-
-
-
-
34
46
R5
56
U5
PB0
I/O
FT_a
-
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N, DFSDM1_CKOUT,
UART4_CTS, LCD_R3,
OTG_HS_ULPI_D1,
ETH_MII_RXD2, LCD_G1,
EVENTOUT
ADC12_
INN5,
ADC12_
INP9,
OPAMP1_
VINP,
COMP1_
INP
35
47
R4
57
T5
PB1
I/O
TT_u
-
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N, DFSDM1_DATIN1,
LCD_R6, OTG_HS_ULPI_D2,
ETH_MII_RXD3, LCD_G0,
EVENTOUT
ADC12_
INP5,
COMP1_
INM
36
48
M6
58
R6
PB2
I/O
FT_ha
-
RTC_OUT, SAI1_D1,
DFSDM1_CKIN1, SAI1_SD_A,
SPI3_MOSI/I2S3_SDO,
SAI4_SD_A, QUADSPI_CLK,
SAI4_D1, EVENTOUT
COMP1_
INP
-
-
-
-
P5
PI15
I/O
FT
-
LCD_G2, LCD_R0, EVENTOUT
-
-
-
-
-
N6
PJ0
I/O
FT
-
LCD_R7, LCD_R1, EVENTOUT
-
-
-
-
-
P6
PJ1
I/O
FT
-
LCD_R2, EVENTOUT
-
-
-
-
-
T6
PJ2
I/O
FT
-
LCD_R3, EVENTOUT
-
-
-
-
-
U6
PJ3
I/O
FT
-
LCD_R4, EVENTOUT
-
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com