Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750VB Datasheet(PDF) 333 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 333 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 329Page - STMicroelectronics STM32H750VB Datasheet HTML 330Page - STMicroelectronics STM32H750VB Datasheet HTML 331Page - STMicroelectronics STM32H750VB Datasheet HTML 332Page - STMicroelectronics STM32H750VB Datasheet HTML 333Page - STMicroelectronics STM32H750VB Datasheet HTML 334Page - STMicroelectronics STM32H750VB Datasheet HTML 335Page - STMicroelectronics STM32H750VB Datasheet HTML 336Page - STMicroelectronics STM32H750VB Datasheet HTML 337Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 333 / 337 page
background image
Revision history
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
332/336
DS12556 Rev 6
10
Revision history
Table 223. Document revision history
Date
Revision
Changes
21-May-
2018
1
Initial release.
29-Jun-2018
2
Changed datasheet status to “production data”.
Added description of power-up and power-down phases in Section 3.5.1: Power supply
scheme.
Updated Table 44: HSI48 oscillator characteristics, Table 45: HSI oscillator
characteristics and Table 46: CSI oscillator characteristics.
Renamed Table 48 into “PLL characteristics (wide VCO frequency range)” and updated
note 2.. Added Table 49: PLL characteristics (medium VCO frequency range). Updated
tS_vbat in Table 92: VBAT monitoring characteristics.
Updated Table 97: OPAMP characteristics.
05-Apr-2019
3
Changed maximum Arm Core-M7 frequency to 480 MHz.
Features:
– Changed operational amplifier bandwidth to 7.3 MHz
– Updated high-resolution timer to 2.1 ns
– Updated low-power consumption feature
Updated voltage scaling in Section 3.5.1: Power supply scheme. Added VOS0 in
Section 3.5.3: Voltage regulator.
Updated HSE clock in Section 3.7.1: Clock management.
Removed ETH_TX_ER from Table 7: STM32H750xB pin/ball definition.
Updated Section 6: Electrical characteristics (rev Y):
– Added note related to decoupling capacitor tolerance below Figure 11: Power supply
scheme.
– Added note 2. related to CEXT in Table 23: VCAP operating conditions.
– Updated note 2 below Figure 19: Recommended NRST pin protection.
– Updated fHSI48 in Table 44: HSI48 oscillator characteristics.
– Updated tstab in Table 45: HSI oscillator characteristics.
– Removed note 2 in Table 49: PLL characteristics (medium VCO frequency range).
– Added Table 60: Output voltage characteristics for PC13, PC14, PC15 and PI8.
– Added note related to PC13, PC14, PC15 an PI8 limited frequency in Table 61:
Output timing characteristics (HSLV OFF).
– Updated Tcoeff in Table 89: VREFBUF characteristics.
– Table 85: ADC characteristics: updated fS and added note related to fS formula;
updated tCAL.
– Renamed Section 6.3.24 into Temperature and VBAT monitoring and content
updated.
– Updated fDFSDMCLK in Table 98: DFSDM measured timing - 1.62-3.6 V.
Added Section 7: Electrical characteristics (rev V).
Updated paragraph introducing all package marking schematics to add the new
sentence “The printed markings may differ depending on the supply chain”. Updated
Table 222: Thermal characteristics. Added note related to ECOPACK®2 compliance in
Section 9: Ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com