Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750IB Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32H750IB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750IB Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32H750IB Datasheet HTML 57Page - STMicroelectronics STM32H750IB Datasheet HTML 58Page - STMicroelectronics STM32H750IB Datasheet HTML 59Page - STMicroelectronics STM32H750IB Datasheet HTML 60Page - STMicroelectronics STM32H750IB Datasheet HTML 61Page - STMicroelectronics STM32H750IB Datasheet HTML 62Page - STMicroelectronics STM32H750IB Datasheet HTML 63Page - STMicroelectronics STM32H750IB Datasheet HTML 64Page - STMicroelectronics STM32H750IB Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 337 page
background image
DS12556 Rev 6
61/336
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Pin descriptions
93
-
19
K1
25
K3
PF7
I/O
FT_ha
-
TIM17_CH1, SPI5_SCK,
SAI1_MCLK_B, UART7_TX,
SAI4_MCLK_B,
QUADSPI_BK1_IO2, EVENTOUT
ADC3_
INP3
-
20
L3
26
K4
PF8
I/O
FT_ha
-
TIM16_CH1N, SPI5_MISO,
SAI1_SCK_B,
UART7_RTS/UART7_DE,
SAI4_SCK_B, TIM13_CH1,
QUADSPI_BK1_IO0, EVENTOUT
ADC3_
INN3,
ADC3_
INP7
-
21
L2
27
L4
PF9
I/O
FT_ha
-
TIM17_CH1N, SPI5_MOSI,
SAI1_FS_B, UART7_CTS,
SAI4_FS_B, TIM14_CH1,
QUADSPI_BK1_IO1, EVENTOUT
ADC3_
INP2
-
22
L1
28
L3
PF10
I/O
FT_ha
-
TIM16_BKIN, SAI1_D3,
QUADSPI_CLK, SAI4_D3,
DCMI_D11, LCD_DE, EVENTOUT
ADC3_
INN2,
ADC3_
INP6
12
23
G1
29
J2
PH0-OSC_IN
(PH0)
I/O
FT
-
EVENTOUT
OSC_IN
13
24
H1
30
J1
PH1-OSC_OUT
(PH1)
I/O
FT
-
EVENTOUT
OSC_OUT
14
25
J1
31
K1
NRST
I/O
RST
-
-
-
15
26
M2
32
L2
PC0
I/O
FT_a
-
DFSDM1_CKIN0,
DFSDM1_DATIN4, SAI2_FS_B,
OTG_HS_ULPI_STP,
FMC_SDNWE, LCD_R5,
EVENTOUT
ADC123_
INP10
16
27
M3
33
M2
PC1
I/O
FT_ha
-
TRACED0, SAI1_D1,
DFSDM1_DATIN0,
DFSDM1_CKIN4,
SPI2_MOSI/I2S2_SDO,
SAI1_SD_A, SAI4_SD_A,
SDMMC2_CK, SAI4_D1,
ETH_MDC, MDIOS_MDC,
EVENTOUT
ADC123_
INN10,
ADC123_
INP11,
RTC_
TAMP3/
WKUP5
--
-
-
M3(5)
PC2
I/O
FT_a
-
CDSLEEP, DFSDM1_CKIN1,
SPI2_MISO/I2S2_SDI,
DFSDM1_CKOUT,
OTG_HS_ULPI_DIR,
ETH_MII_TXD2, FMC_SDNE0,
EVENTOUT
ADC123_
INN11,
ADC123_
INP12
17(6) 28(6) M4(6)
34(6)
R1(5)
PC2_C
ANA
TT_a
-
ADC3_
INN1,
ADC3_
INP0
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com