Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750IB Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32H750IB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750IB Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32H750IB Datasheet HTML 67Page - STMicroelectronics STM32H750IB Datasheet HTML 68Page - STMicroelectronics STM32H750IB Datasheet HTML 69Page - STMicroelectronics STM32H750IB Datasheet HTML 70Page - STMicroelectronics STM32H750IB Datasheet HTML 71Page - STMicroelectronics STM32H750IB Datasheet HTML 72Page - STMicroelectronics STM32H750IB Datasheet HTML 73Page - STMicroelectronics STM32H750IB Datasheet HTML 74Page - STMicroelectronics STM32H750IB Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 337 page
background image
DS12556 Rev 6
71/336
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Pin descriptions
93
63
96
H15
115
F14
PC6
I/O
FT_h
-
HRTIM_CHA1, TIM3_CH1,
TIM8_CH1, DFSDM1_CKIN3,
I2S2_MCK, USART6_TX,
SDMMC1_D0DIR, FMC_NWAIT,
SDMMC2_D6, SDMMC1_D6,
DCMI_D0, LCD_HSYNC,
EVENTOUT
SWPMI_IO
64
97
G15
116
F13
PC7
I/O
FT_h
-
TRGIO, HRTIM_CHA2,
TIM3_CH2, TIM8_CH2,
DFSDM1_DATIN3, I2S3_MCK,
USART6_RX,
SDMMC1_D123DIR, FMC_NE1,
SDMMC2_D7, SWPMI_TX,
SDMMC1_D7, DCMI_D1,
LCD_G6, EVENTOUT
-
65
98
G14
117
E13
PC8
I/O
FT_h
-
TRACED1, HRTIM_CHB1,
TIM3_CH3, TIM8_CH3,
USART6_CK,
UART5_RTS/UART5_DE,
FMC_NE2/FMC_NCE,
SWPMI_RX, SDMMC1_D0,
DCMI_D2, EVENTOUT
-
66
99
F14
118
E14
PC9
I/O
FT_fh
-
MCO2, TIM3_CH4, TIM8_CH4,
I2C3_SDA, I2S_CKIN,
UART5_CTS,
QUADSPI_BK1_IO0, LCD_G3,
SWPMI_SUSPEND,
SDMMC1_D1, DCMI_D3,
LCD_B2, EVENTOUT
-
-
-
G8
-
-
VSS
S
-
-
-
--
-
-
L5
VDD
S
-
-
-
67
100
F15
119
E15
PA8
I/O
FT_fha
-
MCO1, TIM1_CH1, HRTIM_CHB2,
TIM8_BKIN2, I2C3_SCL,
USART1_CK, OTG_FS_SOF,
UART7_RX,
TIM8_BKIN2_COMP12, LCD_B3,
LCD_R6, EVENTOUT
-
68
101
E15
120
D15
PA9
I/O
FT_u
-
TIM1_CH2, HRTIM_CHC1,
LPUART1_TX, I2C3_SMBA,
SPI2_SCK/I2S2_CK,
USART1_TX,
FDCAN1_RXFD_MODE,
DCMI_D0, LCD_R5, EVENTOUT
OTG_FS_
VBUS
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com