| Electronic Components Datasheet Search |
|
STP80N240K6 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP80N240K6 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 13 page ![]() 2 Electrical characteristics TC = 25 °C unless otherwise specified. Table 4. On/off-state Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source breakdown voltage VGS = 0 V, ID = 1 mA 800 V IDSS Zero gate voltage drain current VGS = 0 V, VDS = 800 V 1 µA VGS = 0 V, VDS = 800 V, TC = 125 °C(1) 50 µA IGSS Gate body leakage current VDS = 0 V, VGS = ±20 V ±1 µA VGS(th) Gate threshold voltage VDS = VGS, ID = 100 µA 3 3.5 4 V RDS(on) Static drain-source on-resistance VGS = 10 V, ID = 7 A 197 220 mΩ 1. Specified by design, not tested in production. Table 5. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit Ciss Input capacitance VDS = 400 V, f = 1 MHz, VGS = 0 V - 1350 - pF Coss Output capacitance - 20 - pF Co(er) (1) Equivalent capacitance time related VDS = 0 to 640 V, VGS = 0 V - 139 - pF Co(tr) (2) Equivalent capacitance energy related - 25 - pF Rg Intrinsic gate resistance f = 1 MHz , ID= 0 A - 1.8 - Ω Qg Total gate charge VDD = 640 V, ID = 7 A, VGS= 0 to 10 V (see Figure 19. Test circuit for gate charge behavior) - 25.9 - nC Qgs Gate-source charge - 6.9 - nC Qgd Gate-drain charge - 8.4 - nC 1. Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 V to the stated value. 2. Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 V to the stated value. Table 6. Switching times Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) Turn-on delay time VDD= 400 V, ID =7 A, RG = 4.7 Ω VGS = 10 V see (Figure 17. Test circuit for resistive load switching times and Figure 18. Switching time waveform) - 16 - ns tr Rise time - 5.3 - ns td(off) Turn-off delay time - 47.8 - ns tf Fall time - 12 - ns STP80N240K6 Electrical characteristics DS13772 - Rev 2 page 3/13 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |