Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7135C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # ICL7135C/D
Description  41/2 Digit A/D Converter with Multiplexed BCD Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7135C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button ICL7135C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 8Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 9Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
the rising edge of the RUN/HOLD input and the BUSY
output. A RUN/HOLD pulse during the unused portion of
deintegrate phase will be ignored, but when in the auto-
zero phase a positive pulse of only 300ns (typical) will
start the conversion. Figure 5 shows a simple method
of obtaining one, and only one, conversion for each
measurement request.
BUSY
BUSY is a status output that goes high at the beginning
of signal integrate and stays high until the first clock
pulse after zero crossing during De-integrate (or end of
De-Integrate if overranged).The internal data latches are
loaded during the next clock cycle after the falling edge
of BUSY. Since BUSY is high for the 10,000 counts of
signal integrate + number of counts during De-Integrate
+1 clock cycle, a simple way of sending conversion data
down a single pair of wires is to logically ‘AND’ BUSY with
the clock and to subtract 10,001 counts from the number
received. Figure 6 shows a system using this method to
remotely display data.
Figure 3. ICL7135 Digital Section
Figure 4. Timing Diagram
Figure 5. External RUN/HOLD Latch
ICL7135
41/2 Digit A/D Converter with
Multiplexed BCD Outputs
www.maximintegrated.com
Maxim Integrated │ 6
MSB
POLARITY
FF
ANALOG
SECTION
ZERO
CROSS.
DET.
24
22
25
27
28
26
21
DIGITAL
GND
CLOCK
IN
OVER
RANGE
UNDER
RANGE
BUSY
CONTROL LOGIC
MULTIPLEXER
COUNTERS
LATCH
LATCH
LATCH
LATCH
LATCH
STROBE
RUN/
HOLD
LSB
13
14
15
16
B1
B2
B4
B8
12
11
23
D5
V+
POLARITY
17
D4
18
D3
19
D2
20
D1
ICL7135
INTEGRATOR
OUTPUT
BUSY
OVER-RANGE
WHEN APPLICABLE
UNDER-RANGE
WHEN APPLICABLE
NORMAL DIGIT SCAN
1000*
COUNTS
AUTO ZERO
DIGIT SCAN
FOR OVER-RANGE
*FIRST D5 OF AZ AND
DE-INTEGRATE ARE ONE COUNT LONGER
DE-INTEGRATE
SIGNAL
INTEGRATE
*STROBE
D5
D4
D3
D2
D1
D5
D4
D3
D2
D1
AUTO-
ZERO
+
ZERO
INTEGRATOR
10,0001
COUNTS
SIGNAL
INT.
10,000
COUNTS
FULL MEASUREMENT CYCLE
40,002 COUNTS
DE-INTEGRATE
20,001
COUNTS MAX.
RUN/HOLD
FLIP-FLOP
START
PULSE
Q
D
R
D
S
ICL7135
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com