Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7135C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # ICL7135C/D
Description  41/2 Digit A/D Converter with Multiplexed BCD Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7135C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  ICL7135C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 8Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
COMMON a common mode voltage will be introduced
and, although the ICL7135 has an excellent CMRR, Input
Low and Analog COMMON should be connected together
whenever possible. Analog COMMON is also the reference
point for the reference voltage. TheAnalog Common voltage is
normally connected to the system ground when using ±5V
supplies. When the ICL7135 is operated from a single
supply voltage the Analog Common should be connected
to a voltage source approximately halfway between V+
and ground.
Input Buffer
The ICL7135 input buffer is a CMOS buffer with a common
mode input voltage range of approximately V+ -1.0V to
V- +1.5V. The quiescent current is approximately 100µA
and the buffer can deliver up to 40µ of output current with
excellent linearity.
Integrator
The integrator amplifier, similar to the buffer amplifier, can
deliver 20µA of output current with high linearity while
swinging to within 0.3V of either supply rail. The integrator’s
non-inverting terminal is connected to IN LO during the
signal integrate phase, so the voltage on the IN LO
terminal sets the starting point for the integrator output
during signal integrate. If IN LO is at a voltage other than
ground, this will limit the maximum allowable swing at the
integrator output, and the value of the integrating capaci-
tor should be increased. (Refer to Component Selection)
Comparator
The comparator monitors the voltage on the integrator
capacitor during deintegrate. The digital section samples
the comparator output once per clock cycle and terminates
the deintegrate cycle when the comparator changes its
state as the integrator voltage passes through zero. The
offset voltage of the comparator is not critical since the
auto-zero phase compensates for the offset. The output of
the comparator is the only output from the analog section
to the digital section.
Digital Section
As shown in Figure 3, the digital section consists of coun-
ters, latches, output multiplexer, and control logic. The
control logic monitors the counters and the comparator
to determine the start of each phase, and sends control
signals to the analog section to drive the analog switches
to the proper state for each measurement phase. The
control section also responds to the external input, RUN/
HOLD, and creates the control outputs; OVERRANGE,
UNDERRANGE, BUSY, and STROBE.
RUN/HOLD
When RUN/HOLD is high or open the ICL7135 will
continuously perform conversions with each measure-
ment being 40,002 clock cycles long. When RUN/HOLD
goes low, the ICL7135 will complete the measurement in
progress then remain in the auto-zero cycle, holding the
last reading. If RUN/HOLD goes high after the maximum
period assigned to deintegrate, a new conversion will
start, with a delay of 1 to 10,001 clock cycles between
Figure 2. Analog Section of ICL7135
ICL7135
41/2 Digit A/D Converter with
Multiplexed BCD Outputs
www.maximintegrated.com
Maxim Integrated │ 5
10
IN HI
ANALOG
COMMON
IN LO
3
9
1
AZ
A/Z
A/Z + DE(±) + ZI
INT
A/Z
CREF+
CREF
RINT
BUFFER
REF HI
8
2
7
6
5
4
11
V+
CAZ
CINT
CREF
INT
AUTO
ZERO
INTEGRATOR
DE(+)
ZI
INPUT
HIGH
INPUT
LOW
COMPARATOR
A/Z
DE(-)
DE(-)
V-
DE(+)
INT
ICL7135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com