Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP166 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP166
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP166 Datasheet(HTML) 1 Page - Analog Devices

  ADP166 Datasheet HTML 1Page - Analog Devices ADP166 Datasheet HTML 2Page - Analog Devices ADP166 Datasheet HTML 3Page - Analog Devices ADP166 Datasheet HTML 4Page - Analog Devices ADP166 Datasheet HTML 5Page - Analog Devices ADP166 Datasheet HTML 6Page - Analog Devices ADP166 Datasheet HTML 7Page - Analog Devices ADP166 Datasheet HTML 8Page - Analog Devices ADP166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Very Low Quiescent Current,
150 mA, LDO Regulator
Data Sheet
ADP165/ADP166
FEATURES
Very low quiescent current
IQ = 590 nA with 0 µA load
IQ = 890 nA with 1 µA load
Maintains very low quiescent current in dropout (pass
through mode)
IQ_DROP = 720 nA with 0 µA load
IQ_DROP = 1200 nA with 1 µA load
Stable with 1 µF ± 30% ceramic input and output capacitors
Maximum operating load current (ILOAD_MAX): 150 mA
Input voltage range: 2.2 V to 5.5 V
Low shutdown current: 50 nA typical
Low dropout voltage: 120 mV at 150 mA load
Initial output voltage accuracy: ±1%
Accuracy over line, load, and temperature: ±3.5%
7 fixed output voltage options: 1.2 V to 3.3 V
Adjustable output option can be set from 1.0 V to 4.2 V
PSRR: 72 dB at 100 Hz, VOUT = 1.2 V
Current-limit and thermal overload protection
Logic control enable
Integrated output discharge resistor
Three package options
5-lead TSOT package
6-lead, 2 mm × 2 mm LFCSP
4-ball, 0.5 mm pitch WLCSP
APPLICATIONS
Portable and battery-powered equipment
Post dc-to-dc regulation
Portable medical devices
Wireless sensor network (WSN) devices
TYPICAL APPLICATION CIRCUITS
ADP165/ADP166
1
2
3
5
4
1µF
1µF
VOUT = 1.8V
VIN = 2.3V
VOUT
NC
VIN
GND
EN
OFF
ON
NOTES
1. NC = NO CONNECT. NOT CONNECTED INTERNALLY.
Figure 1. 5-Lead TSOT ADP165/ADP166 with Fixed Output Voltage, 1.8 V
OFF
ON
4
EN
1µF
VIN = 2.3V
6
VIN
5
NC
3 GND
1
1µF
VOUT = 1.8V
VOUT
2 NC
ADP165/
ADP166
NOTES
1. NC = NO CONNECT. NOT CONNECTED INTERNALLY.
Figure 2. 6-Lead, 2 mm × 2 mm LFCSP ADP165/ADP166 with Fixed Output
Voltage, 1.8 V
VIN
VOUT
1
2
EN
GND
1µF
1µF
VOUT = 1.8V
VIN = 2.3V
TOP VIEW
(Not to Scale)
ADP165/ADP166
A
B
OFF
ON
Figure 3. 4-Ball WLCSP ADP165/ADP166 with Fixed Output Voltage, 1.8 V
GENERAL DESCRIPTION
The ADP165/ADP166 are very low quiescent current, low
dropout (LDO), linear regulators that operate from 2.2 V to 5.5 V
and provide up to 150 mA of output current. The low 120 mV
dropout voltage at a 150 mA load improves efficiency and allows
operation over a wide input voltage range.
The ADP165/ADP166 are specifically designed for stable operation
with a tiny 1 µF ± 30% ceramic input and output capacitors to
meet the requirements of high performance, space constrained
applications.
The ADP165/ADP166 are available in seven fixed output
voltage options, ranging from 1.2 V to 3.3 V, and an adjustable
output option. The ADP165 also includes a switched resistor to
discharge the output automatically when the LDO is disabled.
The ADP166 is identical to the ADP165, but it does not include
the output discharge function.
Short-circuit and thermal overload protection circuits prevent
damage in adverse conditions. The ADP165/ADP166 are
available in a tiny 5-lead TSOT, a 6-lead LFCSP, and a 4-ball,
0.5 mm pitch WLCSP package for the smallest footprint
solution to meet a variety of portable power applications.
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADP166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1660ACBZ-R7 AD-ADP1660ACBZ-R7 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1660CB-EVALZ AD-ADP1660CB-EVALZ Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Cirrus Logic
ADP166Z-REDYKIT APEX-ADP166Z-REDYKIT Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - ADP166

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
250 mA Low Quiescent Current LDO Regulator
2009
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
150 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
250 mA Low Quiescent Current LDO Regulator
12/08/06
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
ON Semiconductor
NCV48220 ONSEMI-NCV48220 Datasheet
276Kb / 17P
LDO Regulator - Very Low Quiescent Current, Charge Pump Boost Converter 150 mA
September, 2019 ??Rev. 1
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com