Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP166 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP166
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP166 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP166 Datasheet HTML 10Page - Analog Devices ADP166 Datasheet HTML 11Page - Analog Devices ADP166 Datasheet HTML 12Page - Analog Devices ADP166 Datasheet HTML 13Page - Analog Devices ADP166 Datasheet HTML 14Page - Analog Devices ADP166 Datasheet HTML 15Page - Analog Devices ADP166 Datasheet HTML 16Page - Analog Devices ADP166 Datasheet HTML 17Page - Analog Devices ADP166 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADP165/ADP166
Data Sheet
To minimize quiescent current in the ADP165/ADP166, Analog
Devices, Inc., recommends using high values of resistance for
R1 and R2. Using a value of 1 MΩ for R2 keeps the total, no
load quiescent current below 2 µA. However, note that a high
value of resistance introduces a small output voltage error. For
example, assuming R1 and R2 are 1 MΩ, the output voltage is
2 V. Taking into account the nominal ADJ pin bias current of
10 nA, the output voltage error is 0.25%.
Note that, in shutdown, the output is turned off, and the divider
current is zero.
The ADP165 also includes an output discharge resistor to force the
output voltage to zero when the LDO is disabled. This ensures
that the output of the LDO is always in a well-defined state,
whether it is enabled or not. The ADP166 does not include the
output discharge function.
The ADP165/ADP166 are available in seven output voltage
options, ranging from 1.2 V to 3.3 V. The ADP165/ADP166 use
the EN pin to enable and disable the VOUT pin under normal
operating conditions. When EN is high, VOUT turns on, and
when EN is low, VOUT turns off. For automatic startup, tie EN
to VIN.
Rev. A | Page 14 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com