Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1746952 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1746952
Description  Printed-circuit board connector - MSTBA 2,5/ 9-G-5,08 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1746952 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1746952 Datasheet HTML 1Page - PHOENIX CONTACT 1746952 Datasheet HTML 2Page - PHOENIX CONTACT 1746952 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1746952
11/04/2018   Page 1 / 3
Printed-circuit board connector - MSTBA 2,5/ 9-G-5,08 BK - 1746952
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, number of positions: 9, pitch: 5.08 mm, color: black, contact surface: Tin,
mounting: Wave soldering
The figure shows a 10-position
version of the product
Your advantages
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Well-known mounting principle allows worldwide use
 Plug-in direction parallel to the PCB
 Closed contour for optimum stability of the plug-in connection
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918223557
Technical data
Dimensions
Length [ l ]
12 mm
Width
47.72 mm
Pitch
5.08 mm
Dimension a
40.64 mm
Width [ w ]
47.72 mm
Height [ h ]
12.1 mm
Height
8.6 mm
Length of the solder pin
3.5 mm
Pin dimensions
1 x 1 mm
Length
12 mm
General


Similar Part No. - 1746952

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746907 PHOENIX-1746907 Datasheet
99Kb / 6P
Feed-through header - MSTBA 2,5/15-G-5,08 BK
09/12/2020
1746923 PHOENIX-1746923 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/13-G-5,08 BK
1746936 PHOENIX-1746936 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 BK
logo
TEKTRONIX, INC.
174694600 TEKTRONIX-174694600 Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
logo
TEKTRONIX, INC
17469460X KEITHLEY-17469460X Datasheet
4Mb / 16P
2461 SourceMeter ® SMU Instrument
082821
More results

Similar Description - 1746952

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1740521 PHOENIX-1740521 Datasheet
56Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 4-G-5,08 BK
1746978 PHOENIX-1746978 Datasheet
56Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 2-G-5,08 BK
1741669 PHOENIX-1741669 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/20-G-5,08 BK
1746855 PHOENIX-1746855 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/24-G-5,08 BK
1746884 PHOENIX-1746884 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/18-G-5,08 BK
1746923 PHOENIX-1746923 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/13-G-5,08 BK
1746936 PHOENIX-1746936 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 BK
1748293 PHOENIX-1748293 Datasheet
44Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 9-G-5,08 AU
1809144 PHOENIX-1809144 Datasheet
66Kb / 5P
Printed-circuit board connector - MSTBA 2,5/ 9-G-5,08-LR
1741656 PHOENIX-1741656 Datasheet
89Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 8-G-5,08 BK
11/04/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com