Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1746952 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1746952
Description  Printed-circuit board connector - MSTBA 2,5/ 9-G-5,08 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1746952 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1746952 Datasheet HTML 1Page - PHOENIX CONTACT 1746952 Datasheet HTML 2Page - PHOENIX CONTACT 1746952 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1746952
11/04/2018   Page 2 / 3
Printed-circuit board connector - MSTBA 2,5/ 9-G-5,08 BK - 1746952
Technical data
General
Range of articles
MSTBA 2,5/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
black
Number of positions
9
Standards and Regulations
Connection in acc. with standard
EN-VDE
CSA
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Approvals
Approvals
Approvals
CSA / IECEE CB Scheme / VDE Gutachten mit Fertigungsüberwachung / EAC / cULus Recognized
Ex Approvals
Approval details
CSA 
 http://www.csagroup.org/services-industries/product-listing/
 LR13631-2585950
 
D
B
Nominal voltage UN
300 V
300 V
Nominal current IN
10 A
10 A
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-58978-B1B2
 
 
Nominal voltage UN
250 V
Nominal current IN
12 A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com