Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2033 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC2033 Datasheet HTML 19Page - Microchip Technology MIC2033 Datasheet HTML 20Page - Microchip Technology MIC2033 Datasheet HTML 21Page - Microchip Technology MIC2033 Datasheet HTML 22Page - Microchip Technology MIC2033 Datasheet HTML 23Page - Microchip Technology MIC2033 Datasheet HTML 24Page - Microchip Technology MIC2033 Datasheet HTML 25Page - Microchip Technology MIC2033 Datasheet HTML 26Page - Microchip Technology MIC2033 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005539C-page 23
MIC2033
APPENDIX A: REVISION HISTORY
Revision A (March 2018)
• Converted Micrel document MIC2033 to Micro-
chip data sheet DS20005539A.
• Minor text changes throughout.
• Value of C1 updated in Typical Application Circuit.
• Maximum value of input capacitor corrected in
Section 4.2, Input Capacitor.
• VEN to GND corrected maximum value in Abso-
lute Maximum Ratings †.
• VEN and VFAULT/ combined in Operating Rat-
ings ‡.
• CCSLEW value corrected to OPEN in Figure 2-
24.
• CSLEW external capacitor value in Section 4.1,
Soft-Start corrected to 0.1 μF.
Revision B (January 2022)
• Updated package marking drawing in Section 6.1,
Package Marking Information.
Revision C (January 2022)
• Updated package marking drawing in Section 6.1,
Package Marking Information, 6-Lead UDFN
2 mm x 2 mm Package Outline and Recom-
mended Land Pattern, and Product Identification
System sections once it was realized MIC2033
was being described/shown as TDFN when it is in
fact UDFN according to PDC.
• All instances of “thin DFN” and “TDFN” changed
to “UDFN” throughout the data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com