Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4826YMM Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC4826YMM
Description  Low Input Voltage, 160 VPP Output Voltage, EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4826YMM Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC4826YMM Datasheet HTML 5Page - Microchip Technology MIC4826YMM Datasheet HTML 6Page - Microchip Technology MIC4826YMM Datasheet HTML 7Page - Microchip Technology MIC4826YMM Datasheet HTML 8Page - Microchip Technology MIC4826YMM Datasheet HTML 9Page - Microchip Technology MIC4826YMM Datasheet HTML 10Page - Microchip Technology MIC4826YMM Datasheet HTML 11Page - Microchip Technology MIC4826YMM Datasheet HTML 12Page - Microchip Technology MIC4826YMM Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
2019 -2022 Microchip Technology Inc.
DS20006134B-page 9
MIC4826
4.0
FUNCTIONAL DESCRIPTION
See
Section 5.0, Application
Information
for
component selection and pre-designed circuits.
4.1
Overview
The MIC4826 is a high voltage EL driver with an AC
output voltage of 160V peak-to-peak capable of driving
EL lamps up to 6 in2. Input supply current for the
MIC4826 is typically 21 µA with a typical shutdown
current of 10 nA. The high voltage EL driver has two
internal oscillators to control the switching MOSFET
and the H-bridge driver. Both of the internal oscillators’
frequencies can be individually programmed through
the external resistors to maximize the efficiency and
the brightness of the lamps.
4.2
Regulation
Referring to Figure 4-1, initially power is applied to
VDD. The internal feedback voltage is less than the
reference voltage causing the internal comparator to go
low which enables the switching MOSFET’s oscillator.
When the switching MOSFET turns on, current flows
through the inductor and into the switch. The switching
MOSFET will typically turn on for 90% of the switching
frequency. During the on time, energy is stored in the
inductor.
When the switching MOSFET turns off, current flowing
into the inductor forces the voltage across the inductor
to reverse polarity. The voltage across the inductor
rises until the external diode conducts and clamps the
voltage at VOUT+VD1. The energy in the inductor is then
discharged into the COUT capacitor. The internal
comparator continues to turn the switching MOSFET
on and off until the internal feedback voltage is above
the reference voltage.
Once the internal feedback voltage is above the
reference voltage, the internal comparator turns off the
switching MOSFET’s oscillator.
When the EL oscillator is enabled, VA and VB switch in
opposite states to achieve a 160V peak-to-peak AC
output signal. The external resistor that connects to the
REL pin determines the EL frequency.
FIGURE 4-1:
108 Hz Typical Output
Waveform.
4.3
Switching Frequency
The switching frequency of the converter is controlled
via an external resistor between RSW pin and VDD pin
of the device. The switching frequency increases as the
resistor value decreases. For resistor value selections,
see Figure 2-8 or use equation Equation 4-1. The
switching frequency range is 8 kHz to 200 kHz, with an
accuracy of ±20%.
EQUATION 4-1:
4.4
EL Frequency
The EL lamp frequency is controlled via an external
resistor connected between REL pin and VDD pin of
the device. As the lamp frequency increases, the
resistor value decreases. For resistor value selections,
see Figure 2-9 or use equation Equation 4-2. The EL
frequency range is 60 Hz to 1000 Hz, with an accuracy
of ±20%.
EQUATION 4-2:
TIME (2ms/div)
V
IN = 3.0V
L = 220mH
C
OUT = 0.01mF
Lamp = 2in2
R
SW = 332k
R
EL = 3.32M
fSW kHz
36
RSW M
-------------------------
=
fEL Hz
360
REL M
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com