Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4826YMM Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4826YMM
Description  Low Input Voltage, 160 VPP Output Voltage, EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4826YMM Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4826YMM Datasheet HTML 7Page - Microchip Technology MIC4826YMM Datasheet HTML 8Page - Microchip Technology MIC4826YMM Datasheet HTML 9Page - Microchip Technology MIC4826YMM Datasheet HTML 10Page - Microchip Technology MIC4826YMM Datasheet HTML 11Page - Microchip Technology MIC4826YMM Datasheet HTML 12Page - Microchip Technology MIC4826YMM Datasheet HTML 13Page - Microchip Technology MIC4826YMM Datasheet HTML 14Page - Microchip Technology MIC4826YMM Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2019 -2022 Microchip Technology Inc.
DS20006134B-page 11
MIC4826
5.0
APPLICATION INFORMATION
5.1
Inductor
In general, smaller value inductors, which can handle
more current, are more suitable to drive larger size
lamps. As the inductor value decreases, the switching
frequency (controlled by RSW) should be increased to
avoid saturation or the input voltage should be
increased. Typically, inductor values ranging from
220 µH to 560 µH can be used. Murata offers the
LQH3C series up to 560 µH and LQH4C series up to
470 µH, with low DC resistance. A 220 µH Murata
(LQH4C221K04) inductor is recommended for driving
a lamp size of 3 square inches. It has a maximum DC
resistance of 4.0Ω.
5.2
Diode
The diode must have a high reverse voltage (100V)
since the output voltage at the CS pin can reach up to
100V. A fast switching diode with lower forward voltage
and higher reverse voltage (100V), such as BAV19WS,
can be used to enhance efficiency.
5.3
Output Capacitor
Low ESR capacitors should be used at the regulated
boost output (CS pin) of the MIC4826 to minimize the
switching output ripple voltage. Selection of the
capacitor value will depend upon the peak inductor
current, inductor size, and the load. MuRata offers the
GRM40 series with up to 0.015 µF at 100V, with a X7R
temperature coefficient in 0805 surface mount
package. Typically, values ranging from 0.01 µF to
0.1 µF at 100V can be used for the regulated boost
output capacitor.
5.4
Pre-Designed Application Circuits
FIGURE 5-1:
100 Hz EL Driver for 3in2
Lamp.
FIGURE 5-2:
Typical Characteristics for
100 Hz EL Driver for 3in2 Lamp.
R1
322k
R2
3.32M
Li-Ion Battery
VIN
3.0V to 4.2V
C1
0.22 F/10V
Murata
GRM39X7R 224K10
COUT
0.01 F/100V
GRM40X7R103K
D1
Vishay Telefunken
BAV19WS
L1
220 H
Murata
LQH4C221K04
3in2 LAMP
15
6
7
8
2
3
4
SW
CS
VB
VA
VDD
RSW
REL
GND
MIC4826
C2
10 F/6.3V
Murata
GRM42-6X5R106K6.3
VIN
IIN
VA-VB
FEL
Lamp Size
3.3V
20 mA
160VPP
100 Hz
3in2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com