Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F051X4 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F051X4
Description  ARM®-based 32-bit MCU, 16 to 64 KB Flash, 11 timers, ADC, DAC and communication interfaces, 2.0-3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051X4 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F051X4 Datasheet HTML 112Page - STMicroelectronics STM32F051X4 Datasheet HTML 113Page - STMicroelectronics STM32F051X4 Datasheet HTML 114Page - STMicroelectronics STM32F051X4 Datasheet HTML 115Page - STMicroelectronics STM32F051X4 Datasheet HTML 116Page - STMicroelectronics STM32F051X4 Datasheet HTML 117Page - STMicroelectronics STM32F051X4 Datasheet HTML 118Page - STMicroelectronics STM32F051X4 Datasheet HTML 119Page - STMicroelectronics STM32F051X4 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 122 page
background image
Revision history
STM32F051x4 STM32F051x6 STM32F051x8
116/122
DocID022265 Rev 7
9
Revision history
Table 76. Document revision history
Date
Revision
Changes
05-Apr-2012
1
Initial release
25-Apr-2012
2
Updated Table: STM32F051xx family device features and
peripheral counts
for SPI and I2C in 32-pin package.
Corrected Group 3 pin order in Table: Capacitive sensing GPIOs
available on STM32F051xx devices.
Updated the current consumption values in Section: Electrical
characteristics.
Updated Table: HSI14 oscillator characteristics
23-Jul-2012
3
Features reorganized and Figure: Block diagram structure
changed.
Added LQFP32 package.
Updated Section: Cyclic redundancy check calculation unit
(CRC).
Modified the number of priority levels in Section: Nested
vectored interrupt controller (NVIC).
Added note 3. for PB2 and PB8, changed TIM2_CH_ETR into
TIM2_CH1_ETR in Table: Pin definitions and Table: Alternate
functions selected through GPIOA_AFR registers for port A.
Added Table: Alternate functions selected through GPIOB_AFR
registers for port B
.
Updated IVDD, IVSS, and IINJ(PIN) in Table: Current
characteristics.
Updated ACCHSI in Table: HSI oscillator characteristics and
Table: HSI14 oscillator characteristics.
Updated Table: I/O current injection susceptibility.
Added BOOT0 input low and high level voltage in Table: I/O
static characteristics.
Modified number of pins in VOL and VOH description, and
changed condition for VOLFM+ in Table: Output voltage
characteristics.
Changed VDD to VDDA in Figure: Typical connection diagram
using the ADC
.
Updated Ts_temp in Table: TS characteristics.
Updated Figure: I/O AC characteristics definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com