Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6213 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 15Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 16Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 17Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 18Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 19Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 20Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 21Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 22Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
DS9884 Rev 9
19/112
STM8AF6213/13A/23/23A/26
Product overview
108
4.13
Analog-to-digital converter (ADC1)
The STM8AF6213, STM8AF6213A, STM8AF6223, STM8AF6223A and STM8AF6226
products contain a 10-bit successive approximation A/D converter (ADC1) with up to 7
external and 1 internal multiplexed input channels and the following main features:
•
Input voltage range: 0 to VDD
•
Input voltage range: 0 to VDDA
•
Conversion time: 14 clock cycles
•
Single and continuous and buffered continuous conversion modes
•
Buffer size (n x 10 bits) where n = number of input channels
•
Scan mode for single and continuous conversion of a sequence of channels
•
Analog watchdog capability with programmable upper and lower thresholds
•
Internal reference voltage on channel AIN7
•
Analog watchdog interrupt
•
External trigger input
•
Trigger from TIM1 TRGO
•
End of conversion (EOC) interrupt
Note:
Additional AIN12 analog input is not selectable in ADC scan mode or with analog watchdog.
Values converted from AIN12 are stored only into the ADC_DRH/ADC_DRL registers.
Internal bandgap reference voltage
Channel AIN7 is internally connected to the internal bandgap reference voltage. The internal
bandgap reference is constant and can be used, for example, to monitor VDD. It is
independent of variations in VDD and ambient temperature TA.
4.14
Communication interfaces
The following communication interfaces are implemented:
•
LINUART: Full feature UART, synchronous mode, SPI master mode, Smartcard mode,
IrDA mode, single wire mode, LIN2.2 capability
•
SPI: full and half-duplex, 8 Mbit/s
•
I²C: up to 400 Kbit/s
Some peripheral names differ between the datasheet and STM8S series and STM8AF
series 8-bit microcontrollers reference manual, RM0016 (see Table 4).
Table 4. Communication peripheral naming correspondence
Peripheral name in datasheet
Peripheral name in reference manual
(RM0016)
LINUART
UART4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com