Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6213 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 34Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 35Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 36Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 37Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 38Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 39Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 40Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 41Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
Memory and register map
STM8AF6213/13A/23/23A/26
38/112
DS9884 Rev 9
0x00 5230
LINUART
UART4_SR
LINUART status register
0xC0
0x00 5231
UART4_DR
LINUART data register
0xXX
0x00 5232
UART4_BRR1
LINUART baud rate register 1
0x00
0x00 5233
UART4_BRR2
LINUART baud rate register 2
0x00
0x00 5234
UART4_CR1
LINUART control register 1
0x00
0x00 5235
UART4_CR2
LINUART control register 2
0x00
0x00 5236
UART4_CR3
LINUART control register 3
0x00
0x00 5237
UART4_CR4
LINUART control register 4
0x00
0x00 5238
Reserved
0x00 5239
UART4_CR6
LINUART control register 6
0x00
0x00 523A
UART4_GTR
LINUART guard time register
0x00
0x00 523B
UART4_PSCR
LINUART prescaler
0x00
0x00 523C to
0x00 523F
Reserved area (20 byte)
Table 11. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com